Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSESM063F2CU0 Datasheet(PDF) 2 Page - Schneider Electric

Part # MCSESM063F2CU0
Description  Modicon Managed Switch - 4 ports for copper 2 ports for fiber optic multimode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

MCSESM063F2CU0 Datasheet(HTML) 2 Page - Schneider Electric

  MCSESM063F2CU0 Datasheet HTML 1Page - Schneider Electric MCSESM063F2CU0 Datasheet HTML 2Page - Schneider Electric MCSESM063F2CU0 Datasheet HTML 3Page - Schneider Electric MCSESM063F2CU0 Datasheet HTML 4Page - Schneider Electric MCSESM063F2CU0 Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Complementary
Integrated connection type
Duplex SC fiber optic
Shielded RJ45 copper cable
Transmission support medium
Multimode optical fiber fiber optic
Twisted shielded pairs cable CAT 5E copper cable
Maximum cable distance between devices
328.08 Ft (100 m) copper cable
Optic fiber length
2.49 Mile (4 km) 62.5/125 µm
3.11 Mile (5 km) 50/125 µm
Attenuation
0…11 DB 62.2/125 µm)
0…8 DB 50/125 µm)
Ethernet service
Configuration via web server
VLAN
Multicast filtering
Data stream control
IGMP Snooping
SNMP-Traps and SYSLOG
Communication Service
TFTP
Quality of Service (QoS)
Port monitoring
Port mirroring
Address conflict detection
Diagnostics run time
Signal contact
Self test
MAC notification
Maximum number of switches in a ring
50
Redundancy
HiPER ring
RSTP
Link aggregation
Link backup
Redundant network coupling
MRP
[Us] rated supply voltage
12...24 V
Supply voltage limits
9.6…32 V DC SELV
Power Consumption in W
7 W
Electrical connection
Removable connector 6 ways power supply
Mounting Support
35 mm symmetrical DIN rail
Marking
CE
CULus
RCM
Function Available
Security status
Alarms (Traps)
System information
Report
Local signalling
For P1 P2 power supplies 1 dual colour LED (green/yellow)
For device status 1 dual colour LED (green/red)
For memory key status 1 dual colour LED (green/yellow)
for channel diagnostic 1 dual colour LED (green/yellow)
Alarm output
1 voltfree contact 1 A
Alarm function
Power supply fault
Data link status
Switch fault
High temperature
Redundancy ring fault
Incorrect configuration
External memory removed
Ethernet cabling system
TF switches
Width
2.24 In (57 mm)
Height
5.43 In (138 mm)
Depth
4.37 In (111 mm)
Net Weight
0.93 Lb(US) (0.42 kg)
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com