Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSESM063F2CU0 Datasheet(PDF) 3 Page - Schneider Electric

Part # MCSESM063F2CU0
Description  Modicon Managed Switch - 4 ports for copper 2 ports for fiber optic multimode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

MCSESM063F2CU0 Datasheet(HTML) 3 Page - Schneider Electric

  MCSESM063F2CU0 Datasheet HTML 1Page - Schneider Electric MCSESM063F2CU0 Datasheet HTML 2Page - Schneider Electric MCSESM063F2CU0 Datasheet HTML 3Page - Schneider Electric MCSESM063F2CU0 Datasheet HTML 4Page - Schneider Electric MCSESM063F2CU0 Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Environment
Ambient air temperature for operation
32…140 °F (0…60 °C)
Relative Humidity
1…95 % non-condensing
IP Degree of Protection
IP30
Directives
2014/35/EU - low voltage directive
2014/30/EU - electromagnetic compatibility
Standards
UL 61010-2-201
EN/IEC 61131-2
EN/IEC 62368-1
Product certifications
CE
UL
RCM
DNV
ATEX
Ordering and shipping details
Category
18121-MODICON MANAGED SWITCH
Discount Schedule
PC11
GTIN
3606481463289
Returnability
Yes
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Height
6.30 In (16 cm)
Package 1 Width
2.36 In (6 cm)
Package 1 Length
9.45 In (24 cm)
Package 1 Weight
19.19 Oz (544 g)
Unit Type of Package 2
S04
Number of Units in Package 2
20
Package 2 Height
11.81 In (30 cm)
Package 2 Width
15.75 In (40 cm)
Package 2 Length
23.62 In (60 cm)
Package 2 Weight
25.92 Lb(US) (11.756 kg)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead com-
pounds, which is known to the State of California to cause cancer and birth defect-
s or other reproductive harm. For more information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Mercury free
Yes
China RoHS Regulation
China RoHS Declaration
RoHS exemption information
Yes
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End Of Life Information
WEEE
The product must be disposed on European Union markets following speci-
fic waste collection and never end up in rubbish bins.
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com