Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2889 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM2889
Description  LTM2889 Isolated CAN μModule Transceiver Plus Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2889 Datasheet(HTML) 2 Page - Analog Devices

  LTM2889 Datasheet HTML 1Page - Analog Devices LTM2889 Datasheet HTML 2Page - Analog Devices LTM2889 Datasheet HTML 3Page - Analog Devices LTM2889 Datasheet HTML 4Page - Analog Devices LTM2889 Datasheet HTML 5Page - Analog Devices LTM2889 Datasheet HTML 6Page - Analog Devices LTM2889 Datasheet HTML 7Page - Analog Devices LTM2889 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
dc1903af
DEMO MANUAL DC1903A
operating principles
Table 1
DEMO CIRCUIT
INPUT VOLTAGE
DEVICE
DC1903A-A
3V to 3.6V
LTM2889-3
DC1903A-B
4.5V to 5.5V
LTM2889-5
Demo circuit 1903A is available in two configurations,
supporting both versions of the LTM2889. Table 1 details
the demo circuit configurations.
3. Board/ground plane size has been minimized. This
reduces the dipole antenna formed between the logic
side and isolated side ground planes.
4. Top signal routing and ground floods have been op-
timized to reduce signal loops, minimizing differential
mode radiation.
5. Common mode filtering is integrated into the input and
output pin headers. Filtering helps to reduce emissions
caused by conducted noise and minimizes the effects
of cabling to common mode emissions.
6. A combination of low ESL and high ESR decoupling is
used. A low ESL ceramic capacitor is located close to
themoduleminimizinghighfrequencynoiseconduction.
A high ESR tantalum capacitor is included to minimize
board resonances and prevent voltage spikes due to
hot plugging of the supply voltage.
EMI performance is shown in Figure 1, measured using a
GHz transverse electromagnetic (GTEM) cell and method
detailed in IEC 61000-4-20, testing and measurement
techniques – emission and immunity testing in transverse
electromagnetic waveguides.
The demo circuit has been designed and optimized for low
RFemissions.SomefeaturesoftheLTM2889arenotavail-
able for evaluation on the demo circuit. The logic supply
voltage VL is tied to VCC, and the ON and RE pins are not
available on the input pin header, but may be controlled
by jumpers JP1 and JP3 respectively. EMI mitigation
techniques used include the following:
1. Four layer PCB, allowing for isolated side to logic side
bridgecapacitor.Thebridgecapacitorisformedbetween
aninnerlayeroffloatingcopperwhichoverlapsthelogic
side and isolated side ground planes. This structure
creates two series capacitors, each with approximately
0.008” of insulation, supporting the full dielectric with-
standratingof2500VRMS.Thebridgecapacitorprovides
a low impedance return path for injected currents due
to parasitic capacitances of the LTM2889’s signal and
power isolating elements.
2. Discrete bridge capacitors (C3, C4) mounted between
GND2 and GND. The discrete capacitors provide ad-
ditional attenuation at frequencies below 400MHz.
Capacitors are safety rated type Y2, manufactured by
Murata, part number GA342QR7GF471KW01L, rated
for 250VRMS.
Figure 1. DC1903A Radiated Emissions
DETECTOR = QPEAK
RBW = 120kHz
VBW = 300kHz
SWEEP TIME = 17s
# OF POINTS = 501
CISPR 22 CLASS B LIMIT
DC1903A–A
DC1903A–B
FREQUENCY (MHz)
0 100 200 300 400 500 600 700 800 900 1000
–30
–20
–10
0
10
20
30
40
50
60
DC2889a F01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com