Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2889 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM2889
Description  LTM2889 Isolated CAN μModule Transceiver Plus Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2889 Datasheet(HTML) 3 Page - Analog Devices

  LTM2889 Datasheet HTML 1Page - Analog Devices LTM2889 Datasheet HTML 2Page - Analog Devices LTM2889 Datasheet HTML 3Page - Analog Devices LTM2889 Datasheet HTML 4Page - Analog Devices LTM2889 Datasheet HTML 5Page - Analog Devices LTM2889 Datasheet HTML 6Page - Analog Devices LTM2889 Datasheet HTML 7Page - Analog Devices LTM2889 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
dc1903af
DEMO MANUAL DC1903A
Quick start proceDure
Figure 2. Demo Board Setup
Demonstration circuit 1903A is easy to set up and evalu-
ate the performance of the LTM2889. Refer to Figure 2
for proper measurement equipment setup and follow the
procedure below.
NOTE: When measuring the input or output voltage ripple
or high speed signals, care must be taken to avoid a long
ground lead on the oscilloscope probe.
1. Place jumpers in their default positions:
JP1 ON in the ON position
JP2 Silent in the OFF position
JP3 RE in the ON position
JP4 VCC2 in the 5V position
JP5 Slew in the FAST position
JP6 Split in the ON position
JP7 Termination in the ON position
2. With power off, connect the input power supply to VCC
and GND on pin header J1.
3. Turn on the power supply.
NOTE: Make sure that the input voltage does not exceed
6V.
4. Check for the proper output voltage. VCC2 = 5V between
test points V2 and G2.
5.Oncetheproperoutputvoltagesareestablished,connect
a function generator to terminal TXD and set to square
wave with a low of 0V, high = VCC, termination is Hi-Z.
Set frequency to 500kHz (1Mbps). Enable output of
function generator.
6. Connect oscilloscope to terminal RXD and observe
waveform at 500kHz. This demonstration shows data
that is transmitted from TXD, loops back through CANH
and CANL, and out of RXD.
POWER
SUPPLY
FUNCTION
GENERATOR
OSCILLOSCOPE
VIN
–
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com