Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL-015-D Datasheet(PDF) 2 Page - Labfacility Ltd

Part # IL-015-D
Description  Thermocouple fine wire welder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

IL-015-D Datasheet(HTML) 2 Page - Labfacility Ltd

  IL-015-D Datasheet HTML 1Page - Labfacility Ltd IL-015-D Datasheet HTML 2Page - Labfacility Ltd IL-015-D Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors.
Quality and Service are key
ĞůĞŵĞŶƚƐŝŶƚŚĞĐŽŶƟŶƵĞĚŐƌŽǁ ƚŚ
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
ĂĐĐƌĞĚŝƚĂƟŽŶ͘
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
General
Energy Output 0-60 Joules
Welding Capacity Wires up to 1.1mm diameter
Duty Cycle Minimum 5-10 welds/min
Mechanical
Physical Dimensions 220mm Wide x 120mm High x 250mm Depth
Weight 4kg
Electrical
Power Supply 110-120 Vac or 220-250 Vac, 50-60Hz
WŽǁ ĞƌŽŶƐƵŵƉƟŽŶD Ădžϭϳ Ϭs ĚƌŽƉƉŝŶŐƚŽϮϬs ĚƵƌŝŶŐĐŚĂƌŐŝŶŐ
Maintenance
Apart from keeping the electrode in good order, no other maintenance is required
^ƉĞĐŝĮ ĐĂƟŽŶƐ
FAR006/0714. WELDER, L60, UK AND EURO PLUG.
Farnell # 410-0669



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com