Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL-015-D Datasheet(PDF) 1 Page - Labfacility Ltd

Part # IL-015-D
Description  Thermocouple fine wire welder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

IL-015-D Datasheet(HTML) 1 Page - Labfacility Ltd

  IL-015-D Datasheet HTML 1Page - Labfacility Ltd IL-015-D Datasheet HTML 2Page - Labfacility Ltd IL-015-D Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors
Quality and Service are key
ĞůĞŵĞŶƚƐŝŶƚŚĞĐŽŶƟŶƵĞĚŐƌŽǁ ƚŚ
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
ĂĐĐƌĞĚŝƚĂƟŽŶ͘
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
The Thermocouple Welder is a compact, simple-to-
use instrument designed for thermocouple and fine
wire welding
It is primarily designed for use by sensor manufac-
turers to produce commercial grade thermocouple
ũƵŶĐƟŽŶƐ͖ ŝƚŝƐŝĚĞĂůĨŽƌƉƌŽĚƵĐŝŶŐůĂƌŐĞŶƵŵďĞƌƐŽĨ
ĞdžƉŽƐĞĚũƵŶĐƟŽŶƚŚĞƌŵŽĐŽƵƉůĞƐĨŽƌƚĞƐƚĂŶĚĚĞǀ ĞůͲ
opment laboratories.
The L60 Thermocouple Welder is ideally suited to
ƚƌĂŶƐĚƵĐĞƌĂŶĚZdĞdžƚĞŶƐŝŽŶůĞĂĚĂƩ ĂĐŚŵĞŶƚ
Use of the Thermocouple Welder does not require
ƐƉĞĐŝĂůƐŬŝůůƐĂŶĚŵŽƐƚŽƉĞƌĂƟǀ ĞƐǁ ŝůůďĞĐĂƉĂďůĞŽĨ
ƉƌŽĚƵĐŝŶŐƋƵĂůŝƚLJǁ ŽƌŬǁ ŝƚŚůŝƩ ůĞƉƌĂĐƟĐĞ͘
The instrument is supplied with a full range of user
accessories including a footswitch Suitable for use
with wires of up to 1.1mm diameter an argon gas
ƐŚŝĞůĚĨĂĐŝůŝƚLJŝƐŝŶĐůƵĚĞĚďƵƚĂƐĂƟƐĨĂĐƚŽƌLJƚŚĞƌŵŽͲ
ĐŽƵƉůĞũƵŶĐƟŽŶŝƐƉƌŽĚƵĐĞĚǁ ŝƚŚŽƵƚƚŚĞŶĞĞĚĨŽƌ
argon.
The output energy of the L60 Thermocouple Weld-
er can be varied up to 60 Joules.
Supplied complete with the following
accessories:
 Wire Holding Pliers & Lead
 Safety Glasses
 Magnifying Eyeglass
 Carbon Electrodes
 Spare 2A Fuse
 Argon Hose
 Mains Lead
 Footswitch for greater ease of use
 Simple to use Thermocouple
Welder
 ĞƐŝŐŶĞĚĨŽƌƚŚĞƉƌŽĚƵĐƟŽŶŽĨ
commercial grade thermocouple
ũƵŶĐƟŽŶƐ
 Also suitable for other fine wire
work
 Front panel or footswitch
ŽƉĞƌĂƟŽŶ
Thermocouple fine wire welder
FAR006/0714. WELDER, L60, UK AND EURO PLUG.
Farnell # 410-0669
ORDER CODES
THERMOCOUPLE WELDER
410-0669
CARBON ELECTRODES (x5)
244-3730
Spare carbon electrodes in
a pack of 5


Similar Part No. - IL-015-D

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
IL-001 LABFACILITY-IL-001 Datasheet
16Kb / 1P
LABFACILITY TEMPERATURE HANDBOOK
FAR 40
More results

Similar Description - IL-015-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KA02 ETC2-KA02 Datasheet
97Kb / 1P
FINE WIRE (Fibre Glass) THERMOCOUPLE SENSOR
logo
Thinki Semiconductor Co...
FMG34S THINKISEMI-FMG34S Datasheet
607Kb / 3P
Inversion Welder
FML34S THINKISEMI-FML34S Datasheet
609Kb / 3P
Inversion Welder
L4202S THINKISEMI-L4202S Datasheet
690Kb / 3P
Inversion Welder
L4204S THINKISEMI-L4204S Datasheet
690Kb / 3P
Inversion Welder
MM60F120B THINKISEMI-MM60F120B Datasheet
671Kb / 3P
Inversion Welder
MM4202 THINKISEMI-MM4202 Datasheet
758Kb / 3P
Inversion Welder
MUR8120 THINKISEMI-MUR8120 Datasheet
626Kb / 3P
Inversion Welder
RHRG60120 THINKISEMI-RHRG60120 Datasheet
670Kb / 3P
Inversion Welder
logo
Omega Engineering, Inc.
SPIR OMEGA-SPIR Datasheet
194Kb / 1P
Thermocouple Wire Fine Diameter Base Metal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com