Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4373394 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 4373394
Description  IEC Miniature Thermocouple Panel Systems – Type J
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4373394 Datasheet(HTML) 2 Page - Labfacility Ltd

  4373394 Datasheet HTML 1Page - Labfacility Ltd 4373394 Datasheet HTML 2Page - Labfacility Ltd 4373394 Datasheet HTML 3Page - Labfacility Ltd 4373394 Datasheet HTML 4Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
Connector Panel Systems - 14
Mar-24
A range of pre-assembled miniature panel assemblies designed for use with
thermocouples or leads with miniature plugs. They are robust and perfect for mounting
in control rooms, test stands, laboratory applications, control rooms, and more. They
support calibration codes including K, J & T with quick wire sockets, with a maximum
temperature range up to +120°C. These panels can be fitted horizontal or vertically.
Specifications
General Description
A selection of miniature IEC pre-assembled thermocouple
panels, to suit your specific application.
Thermocouple Type
J IEC
Connector Size
Miniature
Number of Connectors and
panel sizes
1 x Connector
45mm x 40mm
2 x Connectors
45mm x 55mm
4 x Connectors
45mm x 85mm
6 x Connectors
45mm x 115mm
12 x Connectors
45mm x 205mm
16 x Connectors
75mm x 145mm
20 x Connectors
75mm x 175mm
Connector Type
Fascia Mounting Socket
Colour
Black
Max. Temperature
120°C
+Positive Contact
Iron
-Negative Contact
Copper Nickel
Standards Met
BS EN 50212:1997. RoHS
Ordering Information
Stock
Number
Manufacturers
Number
Thermocouple
Type
Size
Colour
Code
Number of
connectors/Ways
Panel Size
4373432
IM-J-FF + FMP-1
J
Miniature
IEC
1
45mm x 40mm
4373433
IM-J-FF + FMP-2
J
Miniature
IEC
2
45mm x 55mm
4373434
IM-J-FF + FMP-4
J
Miniature
IEC
4
45mm x 85mm
4373435
IM-J-FF + FMP-6
J
Miniature
IEC
6
45mm x 115mm
4373436
IM-J-FF + FMP-12
J
Miniature
IEC
12
45mm x 205mm
4373437
IM-J-FF + FMP-16
J
Miniature
IEC
16
75mm x 145mm
4373438
IM-J-FF + FMP-20
J
Miniature
IEC
20
75mm x 175mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com