Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4373394 Datasheet(PDF) 3 Page - Labfacility Ltd

Part # 4373394
Description  IEC Miniature Thermocouple Panel Systems – Type J
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4373394 Datasheet(HTML) 3 Page - Labfacility Ltd

  4373394 Datasheet HTML 1Page - Labfacility Ltd 4373394 Datasheet HTML 2Page - Labfacility Ltd 4373394 Datasheet HTML 3Page - Labfacility Ltd 4373394 Datasheet HTML 4Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Datasheet
Connector Panel Systems - 14
Mar-24
Similar Products in Range:
Stock
Number
Manufacturers
Number
Thermocouple
Type
Size
Colour Code
Number of
connectors/Ways
Panel Size
4373389
IS-K-FF + FSP-1
K
Standard
IEC
1
66mm x 50mm
4373391
IS-K-FF + FSP-2
K
Standard
IEC
2
66mm x 69mm
4373392
IS-K-FF + FSP-3
K
Standard
IEC
3
66mm x 88mm
4373393
IS-K-FF + FSP-4
K
Standard
IEC
4
66mm x 107mm
4373394
IS-K-FF + FSP-6
K
Standard
IEC
6
66mm x 145mm
4373395
IS-K-FF + FSP-10
K
Standard
IEC
10
66mm x 221mm
4373396
IS-K-FF + FSP-12
K
Standard
IEC
12
66mm x 259mm
4373397
IS-K-FF + FSP-20
K
Standard
IEC
20
111mm x 221mm
4373405
IM-K-FF + FMP-1
K
Miniature
IEC
1
45mm x 40mm
4373407
IM-K-FF + FMP-2
K
Miniature
IEC
2
45mm x 55mm
4373408
IM-K-FF + FMP-3
K
Miniature
IEC
3
45mm x 70mm
4373409
IM-K-FF + FMP-4
K
Miniature
IEC
4
45mm x 85mm
4373410
IM-K-FF + FMP-6
K
Miniature
IEC
6
45mm x 115mm
4373411
IM-K-FF + FMP-12
K
Miniature
IEC
12
45mm x 205mm
4373412
IM-K-FF + FMP-16
K
Miniature
IEC
16
75mm x 145mm
4373413
IM-K-FF + FMP-20
K
Miniature
IEC
20
75mm x 175mm
4373424
IS-J-FF + FSP-1
J
Standard
IEC
1
66mm x 50mm
4373425
IS-J-FF + FSP-2
J
Standard
IEC
2
66mm x 69mm
4373426
IS-J-FF + FSP-3
J
Standard
IEC
3
66mm x 88mm
4373427
IS-J-FF + FSP-4
J
Standard
IEC
4
66mm x 107mm
4373428
IS-J-FF + FSP-6
J
Standard
IEC
6
66mm x 145mm
4373429
IS-J-FF + FSP-10
J
Standard
IEC
10
66mm x 221mm
4373430
IS-J-FF + FSP-20
J
Standard
IEC
20
111mm x 221mm
4373432
IM-J-FF + FMP-1
J
Miniature
IEC
1
45mm x 40mm
4373433
IM-J-FF + FMP-2
J
Miniature
IEC
2
45mm x 55mm
4373434
IM-J-FF + FMP-4
J
Miniature
IEC
4
45mm x 85mm
4373435
IM-J-FF + FMP-6
J
Miniature
IEC
6
45mm x 115mm
4373436
IM-J-FF + FMP-12
J
Miniature
IEC
12
45mm x 205mm
4373437
IM-J-FF + FMP-16
J
Miniature
IEC
16
75mm x 145mm
4373438
IM-J-FF + FMP-20
J
Miniature
IEC
20
75mm x 175mm
4373439
IS-T-FF + FSP-1
T
Standard
IEC
1
66mm x 50mm
4373440
IS-T-FF + FSP-2
T
Standard
IEC
2
66mm x 69mm
4373441
IS-T-FF + FSP-3
T
Standard
IEC
3
66mm x 88mm
4373442
IS-T-FF + FSP-4
T
Standard
IEC
4
66mm x 107mm
4373444
IS-T-FF + FSP-6
T
Standard
IEC
6
66mm x 145mm
4373445
IS-T-FF + FSP-10
T
Standard
IEC
10
66mm x 221mm
4373446
IS-T-FF + FSP-20
T
Standard
IEC
20
111mm x 221mm
4373447
IM-T-FF + FMP-1
T
Miniature
IEC
1
45mm x 40mm
4373448
IM-T-FF + FMP-2
T
Miniature
IEC
2
45mm x 55mm
4373449
IM-T-FF + FMP-4
T
Miniature
IEC
4
45mm x 85mm
4373450
IM-T-FF + FMP-6
T
Miniature
IEC
6
45mm x 115mm
4373451
IM-T-FF + FMP-12
T
Miniature
IEC
12
45mm x 205mm
4373452
IM-T-FF + FMP-16
T
Miniature
IEC
16
75mm x 145mm
4373453
IM-T-FF + FMP-20
T
Miniature
IEC
20
75mm x 175mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com