Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXC.16 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # FXC.16
Description  FXC.16 Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXC.16 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  FXC.16 Datasheet HTML 1Page - Taoglas antenna solutions FXC.16 Datasheet HTML 2Page - Taoglas antenna solutions FXC.16 Datasheet HTML 3Page - Taoglas antenna solutions FXC.16 Datasheet HTML 4Page - Taoglas antenna solutions FXC.16 Datasheet HTML 5Page - Taoglas antenna solutions FXC.16 Datasheet HTML 6Page - Taoglas antenna solutions FXC.16 Datasheet HTML 7Page - Taoglas antenna solutions FXC.16 Datasheet HTML 8Page - Taoglas antenna solutions FXC.16 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
SPE-22-8-126-A
www.taoglas.com
The Taoglas FXR and FXC series of high-performance NFC (Near Field Communications) antennas are ideal
for IoT and mobile devices and for applications such as contactless payment systems, access control or RFID
systems.
The compact, flexible NFC antennas are supplied with adhesive backing for quick and easy installation and
can be mounted inside a plastic device enclosure or on an internal battery. For any NFC antennas that are
attached to the battery, we offer variants with ferrite flux directors to provide isolation from the battery or
other electronic components within the device. Using the antenna on a conductive surface without a ferrite
layer could result in losses on the antenna communication performance.
Taking into consideration the many environments that the antenna could be used, Taoglas offers three
versions of each of the FXR and FXC series models. A standard model without ferrite and adhesive backing, a
model with a ferrite layer and adhesive backing and a third model with ferrite and a 75mm Twisted Pair
28AWG cable with ACH(F) connectors.
Typical Applications Include:
-
Mobile Devices
-
Wearable Smart Devices
-
Payment Terminals
-
Device tracking and ID systems
-
Access control
For further optimization to customer-specific device environments and for support to integrate and test this
antennas performance in your device, contact your regional Taoglas Customer Services Team.
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com