Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXC.16 Datasheet (PDF) - Taoglas antenna solutions

FXC.16 Datasheet PDF - Taoglas antenna solutions
Part # FXC.16
Download  FXC.16 Download
File Size   1346.29 Kbytes
Page   15 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description FXC.16 Series

FXC.16 Datasheet (PDF)

Go To PDF Page Download Datasheet
FXC.16 Datasheet PDF - Taoglas antenna solutions

Part # FXC.16
Download  FXC.16 Click to download

File Size   1346.29 Kbytes
Page   15 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description FXC.16 Series

FXC.16 Datasheet (HTML) - Taoglas antenna solutions


FXC.16 Product details

Description:
Circular Form Factor Flexible Near Field Communications Antenna

Features:
13.56 MHz Antenna
Flexible Low Profile Embedded
Typical interrogation distance: 40 mm
Dimensions:
• Diameter: 16 mm
• Thickness: 0.14 mm - FXC.16.A - NFC without ferrite
• Thickness: 0.27 mm - FXC.16.A.dg - NFC with ferrite
• Thickness: 0.27 mm - FXC.16.52.0075X.A.dg - NFC with ferrite and 75mm twisted cable.
Peel and stick 3M adhesive
RoHS & Reach Compliant




Similar Part No. - FXC.16

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXC.16.52.0075X.B.DG TAOGLAS-FXC.16.52.0075X.B.DG Datasheet
1Mb / 14P
FXC.16.B Series
Revision: A Revision: A
FXC.16.B TAOGLAS-FXC.16.B Datasheet
1Mb / 14P
FXC.16.B Series
Revision: A Revision: A
FXC.16.B.DG TAOGLAS-FXC.16.B.DG Datasheet
1Mb / 14P
FXC.16.B Series
Revision: A Revision: A
More results


Similar Description - FXC.16

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66101 OKI-MSM66101 Datasheet
569Kb / 28P
OLMS-66K Series 16-Bit Microcontroller
MSM66201 OKI-MSM66201 Datasheet
579Kb / 30P
OLMS-66K Series 16-Bit Microcontroller
MSM66507 OKI-MSM66507 Datasheet
276Kb / 24P
OLMS-66K Series 16-Bit Microcontroller
MSM66509 OKI-MSM66509 Datasheet
284Kb / 24P
OLMS-66K Series 16-Bit Microcontroller
logo
Analog Devices
3B01 AD-3B01 Datasheet
382Kb / 6P
3B Series 16 Channel Backplane
REV. 0
5B02 AD-5B02 Datasheet
187Kb / 7P
5B Series 16 Channel Backplane
3B01 AD-3B01_15 Datasheet
383Kb / 6P
3B Series 16 Channel Backplane
REV. 0
5B01 AD-5B01_15 Datasheet
156Kb / 7P
5B Series 16 Channel Backplane
REV. 0
5B02 AD-5B02_15 Datasheet
188Kb / 7P
5B Series 16 Channel Backplane
REV. 0
logo
Artesyn Technologies
DA16-120US ARTESYN-DA16-120US Datasheet
699Kb / 3P
DA16 Series 16 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com