Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM66101 Datasheet (PDF) - OKI electronic componets

MSM66101 Datasheet PDF - OKI electronic componets
Part # MSM66101
Download  MSM66101 Download
File Size   569.95 Kbytes
Page   28 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description OLMS-66K Series 16-Bit Microcontroller

MSM66101 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM66101 Datasheet PDF - OKI electronic componets

Part # MSM66101
Download  MSM66101 Click to download

File Size   569.95 Kbytes
Page   28 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description OLMS-66K Series 16-Bit Microcontroller

MSM66101 Datasheet (HTML) - OKI electronic componets


MSM66101 Product details

GENERAL DESCRIPTION

The MSM66101 is a high performance microcontroller that employs OKI original nX-8/100 CPU core. This chip includes a 16-bit CPU, ROM, RAM, I/O ports, multifunction 16-bit timers, 10-bit A/D converter, serial I/O port, and pulse width modulator (PWM).



FEATURES

• 64K address space for program memory : Internal ROM : 12K bytes

• 64K address space for data memory : Internal RAM : 384 bytes

• High-speed execution

   Minimum cycle for instruction : 400ns @ 10MHz

• Powerful instruction set : Instruction set superior in orthogonal matrix

                                    8/16-bit data transfer instructions

                                    8/16-bit arithmetic instructions

                                    Multiplication and division operation

                                    instructions

                                    Bit manipulation instructions

                                    Bit logic instrucitons

                                    ROM table reference instructions

• Abundant addressing modes : Register addressing

                                          Page addressing

                                          Pointing register indirect addressing

                                          Stack addressing

                                          Immediate value addressing

• I/O port

   Input-output port : 5 ports x 8 bits

                             (Each bit can be assigned to input or output)

   Input port : 1 port x 8 bits

• Built-in multifunctional 16-bit timer : 2

  Following 4 modes can be set for each timer :Auto-reload timer mode

                                                              Clock output mode

                                                              Capture register mode

                                                              Real time output mode

• Serial port : 1 channel (UART mode with baud rate generator)

• 12-bit pulse width modulator : 2

• Watchdog timer

• Transition detector : 4

• 10-bit A/D converter : 8 channels

• Interrupts

   Nonmaskable : 1

   Maskable : Internal 10/external 2

• Stand-by function

   STOP mode : Software clock stop mode

   HALT mode : Software CPU stop mode

   HOLD mode : Hardware CPU stop mode

• Package options:

   64-pin plastic shrink DIP (SDIP64-P-750-1.78) : (Product name: MSM66101-XXXSS)

   64-pin plastic QFP (QFP64-P-1414-0.80-BK) : (Product name: MSM66101-XXXGS-BK)

   68-pin plastic QFJ (PLCC) (QFJ68-P-S950-1.27) : (Product name: MSM66101-XXXJS)

   64-pin ceramic piggyback (ADIP64-C-750-1.78) : (Product name: MSM66G101VS)



 




Similar Part No. - MSM66101

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6606 OKI-MSM6606 Datasheet
132Kb / 18P
80-DOT LCD DRIVER WITH KEY MATRIX
MSM66201 OKI-MSM66201 Datasheet
579Kb / 30P
OLMS-66K Series 16-Bit Microcontroller
MSM66207 OKI-MSM66207 Datasheet
579Kb / 30P
OLMS-66K Series 16-Bit Microcontroller
MSM66207 OKI-MSM66207 Datasheet
621Kb / 33P
OKI ORIGINAL HIGH PERFORMANCE CMOS SINGLE CHIP 8/16-BIT MICROCONTROLLER
MSM6636 OKI-MSM6636 Datasheet
109Kb / 11P
SAE-J1850 Communication Protocol Conformity Transmission Controller for Automotive LAN
More results


Similar Description - MSM66101

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66201 OKI-MSM66201 Datasheet
579Kb / 30P
OLMS-66K Series 16-Bit Microcontroller
MSM66507 OKI-MSM66507 Datasheet
276Kb / 24P
OLMS-66K Series 16-Bit Microcontroller
MSM66509 OKI-MSM66509 Datasheet
284Kb / 24P
OLMS-66K Series 16-Bit Microcontroller
MSM66589 OKI-MSM66589 Datasheet
264Kb / 27P
OLMS-66K Series CMOS 16-Bit Microcontroller
logo
fujitsu semiconductor
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
logo
Freescale Semiconductor...
MC9S12DP512MPVE FREESCALE-MC9S12DP512MPVE Datasheet
419Kb / 14P
16-Bit Microcontroller
logo
InnovASIC, Inc
IA186XL INNOVASIC-IA186XL Datasheet
1Mb / 75P
16-Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com