Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6606 Datasheet (PDF) - OKI electronic componets

MSM6606 Datasheet PDF - OKI electronic componets
Part # MSM6606
Download  MSM6606 Download
File Size   132.0 Kbytes
Page   18 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 80-DOT LCD DRIVER WITH KEY MATRIX

MSM6606 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6606 Datasheet PDF - OKI electronic componets

Part # MSM6606
Download  MSM6606 Click to download

File Size   132.0 Kbytes
Page   18 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 80-DOT LCD DRIVER WITH KEY MATRIX

MSM6606 Datasheet (HTML) - OKI electronic componets


MSM6606 Product details

GENERAL DESCRIPTION
The MSM6606 is an LCD driver for a 1/2 duty dynamic display. It can directly drive an LCD of up to 80 segments, and one LED. Keyboard input is now available by the internal 5 x 6 keyscan circuit, and the number of wires between the front panel and the CPU can be minimized.

FEATURES
• Power supply voltage : 5V ± 10%
• Temperature range : –40 to +85°C
• Can display an LCD of up to 80 segments (1/2 duty dynamic drive)
• Can directly drive one LED (IO = –15 mA max.)
• Internal 5 x 6 keyscan circuit allows reading of the status of up to 30 key switches
• A serial interface with the CPU is implemented by LOAD, DATA I/O, and CLOCK
• Built-in RC oscillation circuit for LCD alternating current drive
• Built-in voltage dividing resistor for bias voltage generation
• Package:
    64-pin plastic QFP (QFP64-P-1414-0.80-BK) (Product name : MSM6606GS-BK)




Similar Part No. - MSM6606

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66101 OKI-MSM66101 Datasheet
569Kb / 28P
OLMS-66K Series 16-Bit Microcontroller
MSM66201 OKI-MSM66201 Datasheet
579Kb / 30P
OLMS-66K Series 16-Bit Microcontroller
MSM66207 OKI-MSM66207 Datasheet
579Kb / 30P
OLMS-66K Series 16-Bit Microcontroller
MSM66207 OKI-MSM66207 Datasheet
621Kb / 33P
OKI ORIGINAL HIGH PERFORMANCE CMOS SINGLE CHIP 8/16-BIT MICROCONTROLLER
MSM6636 OKI-MSM6636 Datasheet
109Kb / 11P
SAE-J1850 Communication Protocol Conformity Transmission Controller for Automotive LAN
More results


Similar Description - MSM6606

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6415 NJRC-NJU6415 Datasheet
282Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER
NJU6416 NJRC-NJU6416 Datasheet
283Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER?
NJU6445 NJRC-NJU6445 Datasheet
331Kb / 10P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
NJU6446 NJRC-NJU6446 Datasheet
334Kb / 10P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
logo
OKI electronic componet...
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
logo
Samsung semiconductor
S6A2067 SAMSUNG-S6A2067 Datasheet
104Kb / 10P
80 SEGMENT DRIVER FOR DOT MATRIX LCD
logo
List of Unclassifed Man...
NT3883 ETC1-NT3883 Datasheet
288Kb / 12P
Dot Matrix LCD 80-Channel Driver
logo
New Japan Radio
NJU6416FC1 NJRC-NJU6416FC1 Datasheet
289Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com