Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FASSCAQ-L Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # FASSCAQ-L
Description  SC Fiber Optic Adapters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FASSCAQ-L Datasheet(HTML) 1 Page - PANDUIT CORP.

  FASSCAQ-L Datasheet HTML 1Page - PANDUIT CORP. FASSCAQ-L Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SC Fiber Optic Adapters
specifications
SC fiber optic adapters with integrated panel retention clips
are TIA/EIA-604 FOCIS-3 compliant. Each SC simplex
adapter shall connect one SC connector pair in one module
space. Each SC duplex adapter shall connect two SC
connector pairs in two module spaces. SC adapters and
adapter modules shall include phosphor bronze split sleeves
for multimode applications or zirconia ceramic split sleeves
for singlemode applications.
applications
Panduit SC Fiber Optic Adapters can be used with
Mini-Com® Modules, Patch Panels, Faceplates and
Surface Mount Boxes for a complete SC system
solution. SC adapters provide a robust solution
for LANs, public networks, storage area networks
and fiber-to-the-desk applications. SC adapters
can also be mounted in high-density applications
within Opticom® QuickNet™ Pre-Terminated MTP*
Cassettes and Fiber Enclosures, and Opticom®
Fiber Adapter Panels (FAPs) and Enclosures.
*MTP is a registered trademark of US Conec Ltd.
•Panduit LC Connector/Adapter connection
Mini-Com® SC Adapter Modules
Simplex MM:
CMSEISCEI
Duplex MM:
CMDEISCEI
Simplex 10Gig™:
CMSAQSCBL
Duplex 10Gig™:
CMDAQSCBL
Simplex 10Gig™(zirc.): CMSAQSCZBL
Duplex 10Gig™(zirc.): CMDAQSCZBL
Simplex SM (zirc.):
CMSBUSCZBU
Duplex SM (zirc.):
CMDBUSCZBU
Simplex APC (zirc.):
CMSAGSCZBL
Duplex APC (zirc.):
CMDAGSCZBL
Opticom® SC Fiber Adapter Panels
6 duplex MM:
FAP6WEIDSC
6 duplex 10Gig™:
FAP6WAQDSCZ
6 duplex SM (zirc.):
FAP6WBUDSCZ
12 simplex SM (zirc.): FAP12WBUSCZ
OpticOm® QuickNet™ Pre-Terminated
MTP* Cassettes
12 SC to MTP* (12f):
FC^-12-3S
6 SC to MTP* (12f):
FC^-12-3
SC Simplex Fiber Optic Connectors
MM (900µm/3mm, black): FSCMBL
MM (900µm/3mm, red):
FSCMRD
SM (900µm/3mm, blue):
FSCSBU
MM (900µm/2mm, black): FSCM2.0BL
MM (900µm/2mm, red):
FSCM2.0RD
SM (900µm/2mm, blue):
FSCS2.0BU
SC Duplex Fiber Optic Connectors
Multimode (3mm only):
FSCDM
Opti-Core® Fiber Optic Patch Cords
Duplex SC to SC:
F^D3-3M‡
Simplex SC to SC:
F^S3-3M‡
Simplex SC to pigtail:
F^B3-NM‡
HD Connector Removal Tool
For LC and SC:
HDCRT
**Substitute for module color:
EI = Electric Ivory
BU = Blue
IG = International Gray
WH = White
TG = Technical Gray
BL = Black
AW = Arctic White
IW = Off White
EW = European White
^Substitute for fiber type:
X (OM3/OM4 – 10Gig™ 50/125µm),
5 (OM2 – 50/125µm), 6 (OM1 – 62.5/125µm)
or 9 (OS1 – 9/125µm).
‡Substitute for length in meters: 1, 2, 3, 5 or 10 for
patch cords, and 1, 2 or 3 for pigtails; singlemode
patch cords are also available in 12, 15, 25 or 30
meter lengths. Contact Customer Service for other
available lengths.
SC Fiber Optic Adapters
Simplex MM:
FASSCEI-L
Duplex MM:
FADSCEI-L
Simplex 10Gig™:
FASSCAQ-L
Duplex 10Gig™
FADSCAQ-L
Simplex 10Gig™(zirc.): FASSCZAQ-L
Duplex 10Gig™(zirc.): FADSCZAQ-L
Simplex SM (zirc.):
FASSCZBU-L
Duplex SM (zirc.):
FADSCZBU-L
Simplex APC (zirc.):
FASSCZAG-L
Duplex APC (zirc.):
FADSCZAG-L
L = Bag of 50 adapters; 100 per carton.
www.panduit.com
SPECIFICATION SHEET
technical information
Standards requirements:
TIA/EIA-604 FOCIS-3 compliant; exceeds TIA/EIA-568-B.3 requirements
Split sleeve material:
Phosphor bronze or zirconia ceramic (required for
singlemode applications)
Insertion loss:
0.1dB average (multimode), 0.15dB average (singlemode); supports the
performance of FOCIS-3 compliant connectors/patch cords
Return loss:
Supports singlemode (>40dB for SPC and >55dB for UPC) and multimode
(>20dB) connector polish performance
key features and benefits
Integrated panel
retention clips:
No metal clips to become bent, damaged or lost; clips automatically adjust
for FOCIS-3 compliant panel thickness variations for improved mounting
High glass transition
temperature latch material
(Tg>100°C)
Meets Telcordia GR-326-CORE, Issue 3; maintains latch
integrity/geometry in high temperature environments for
improved reliability
Improved adapter
protective cap design
Maximum protection from contamination; protective cap fully surrounds
split sleeve opening
Short flange design
Improved modularity and higher density usage
Choice of phosphor
bronze or zirconia
ceramic split sleeves
Provides an adapter split sleeve material option to fit specific network
requirements
Q.C. number and split
sleeve material laser
marked on every adapter
Assures 100% traceability; quick and easy identification of split sleeve
material: SC-P = Phosphor Bronze and SC-Z = Zirconia Ceramic
Adapters available in
Mini-Com® Modules
System flexibility; adapter modules can be used in all Mini-Com® Closet
Products and Work Area Outlets
Adapters available in
patch panels, fiber
adapter panels (FAPs)
and Opticom® QuickNet™
Pre-Terminated
MTP* Cassettes
Provides a complete SC system solution
Adapters and modules
available in multiple colors
Allows color-coding for network segregation


Similar Part No. - FASSCAQ-L

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FASSLCZBU-L PANDUIT-FASSLCZBU-L Datasheet
86Kb / 2P
Furcation Kits Fan-Out Kits LC Sr./Sr. Fiber Optic Adapters
More results

Similar Description - FASSCAQ-L

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HSC-PH2-E1 HIROSE-HSC-PH2-E1 Datasheet
760Kb / 6P
SC Type Fiber Optic Connectors
logo
Molex Electronics Ltd.
85335-0009 MOLEX-85335-0009 Datasheet
72Kb / 1P
Metal SC-ST & SC-SC Duplex Adapters
logo
List of Unclassifed Man...
DK-2622-01 ETC2-DK-2622-01 Datasheet
718Kb / 1P
DIGITUS Fiber Optic Multimode Patch Cord, SC / SC
logo
FCI connector
74883-005 FCI-CONNECTOR-74883-005 Datasheet
132Kb / 2P
FIBER OPTIC ADAPTERS
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
SC Fiber Optic Connectors
CMSAQSCZBL PANDUIT-CMSAQSCZBL Datasheet
185Kb / 1P
SC Mini-Com짰 Fiber Optic Adapter Modules
logo
Tripp Lite. All Rights ...
N42605M TRIPPLITE-N42605M Datasheet
483Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (SC-SC), 5M (16-ft.)
logo
Hirose Electric
HSC HIROSE-HSC Datasheet
759Kb / 21P
SC Type Fiber Optic Connectors
logo
PHOENIX CONTACT
2901788 PHOENIX-2901788 Datasheet
59Kb / 2P
Fiber optic coupling - FL COUPLER SC-DUPLEX
logo
Tripp Lite. All Rights ...
N426-02M TRIPPLITE-N426-02M Datasheet
162Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (SC/SC), 2M (6-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com