Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FASSCAQ-L Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # FASSCAQ-L
Description  SC Fiber Optic Adapters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FASSCAQ-L Datasheet(HTML) 2 Page - PANDUIT CORP.

  FASSCAQ-L Datasheet HTML 1Page - PANDUIT CORP. FASSCAQ-L Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Part Number
Adapter Type
Split Sleeve
Material
Adapter
Color
Module
Color
Average
Insertion Loss^
Return Loss^
^Panduit SC Connector/Adapter connection
**For other colors, replace suffix EI or BU with EI (Electric Ivory), BU (Blue), IG (International Gray), WH (White), TG (Technical Gray), BL (Black),
AW (Arctic White), IW (Off White) or EW (European White).
SC Fiber Optic Adapters
©2016 Panduit Corp.
ALL RIGHTS RESERVED.
FBSP121--WW-ENG
2016-06-22
Dimensions are in inches [Dimensions in brackets are in millimeters]
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
Contact Customer Service by email: cs@panduit.com
or by phone: 800-777-3300
Visit us at www.panduit.com
For more information
0.076
[1.9]
0.51
[12.9]
0.37
[9.3]
0.120
[3.0]
1.08
[27.4]
0.076
[1.9]
0.37
[9.3]
0.120
[3.0]
1.08
[27.4]
0.62
[15.8]
1.02
[25.9]
0.71
[18.0]
1.37
[34.8]
1.24
[31.5]
0.71
[18.0]
1.37
[34.8]
Mini-Com® SC Simplex Adapter Module
Mini-Com® SC Duplex Adapter Module
SC Simplex Adapter
SC Duplex Adapter
FASSCEI-L
Multimode Simplex
Phosphor Bronze
Electric Ivory
0.1dB
0.15dB
>40dB
0.1dB
>20dB
0.15dB
>40dB
>20dB
FADSCEI-L
Multimode Duplex
Phosphor Bronze
Electric Ivory
FASSCAQ-L
10Gig™ Multimode Simplex
Phosphor Bronze
Aqua
N/A
FADSCAQ-L
10Gig™ Multimode Duplex
Phosphor Bronze
Aqua
N/A
N/A
N/A
FASSCZAQ-L
10Gig™ Multimode Simplex
Zirconia Ceramic
Aqua
N/A
FADSCZAQ-L
10Gig™ Multimode Duplex
Zirconia Ceramic
Aqua
N/A
N/A
FASSCZBU-L
Singlemode Simplex
Zirconia Ceramic
Blue
FADSCZBU-L
Singlemode Duplex
Zirconia Ceramic
Blue
N/A
FASSCZAG-L
APC Singlemode Simplex
Zirconia Ceramic
Green
N/A
FADSCZAG-L
SC Adapter Modules
APC Singlemode Duplex
Zirconia Ceramic
Green
N/A
CMSEISCEI
Multimode Simplex
Phosphor Bronze
Electric Ivory
Various**
CMDEISCEI
Multimode Duplex
Phosphor Bronze
Electric Ivory
Various**
CMSAQSCBL
10Gig™ Multimode Simplex
Phosphor Bronze
Aqua
Black
CMDAQSCBL
10Gig™ Multimode Duplex
Phosphor Bronze
Aqua
Black
CMSAQSCZBL 10Gig™ Multimode Simplex
Zirconia Ceramic
Aqua
Black
CMDAQSCZBL 10Gig™ Multimode Duplex
Zirconia Ceramic
Aqua
Black
Various**
Various**
Black
CMSBUSCZBU Singlemode Simplex
Zirconia Ceramic
Blue
CMDBUSCZBU Singlemode Duplex
Zirconia Ceramic
Blue
CMSAGSCZBL APC Singlemode Simplex
Zirconia Ceramic
Green
CMDAGSCZBL APC Singlemode Duplex
Zirconia Ceramic
Green
Black
SC Adapters
selection information
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Jalisco, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com