Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP200 Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # MP200
Description  PXE™ SERIES Mobile Printer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MP200 Datasheet(HTML) 3 Page - PANDUIT CORP.

  MP200 Datasheet HTML 1Page - PANDUIT CORP. MP200 Datasheet HTML 2Page - PANDUIT CORP. MP200 Datasheet HTML 3Page - PANDUIT CORP. MP200 Datasheet HTML 4Page - PANDUIT CORP. MP200 Datasheet HTML 5Page - PANDUIT CORP. MP200 Datasheet HTML 6Page - PANDUIT CORP. MP200 Datasheet HTML 7Page - PANDUIT CORP. MP200 Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Product Bulletin
Highlights
Ordering Information
Continuous Tapes
Continuous Self-Laminating Labels
Flag Labels
Patch Panel / Face Plate Labels
Mixed Length Labels
Part Number
Description
EMPLUS-CD
Easy-Mark Plus™ Labeling Software, CD-ROM.
EMPLUS-DL
Easy-Mark Plus™ Labeling Software, online download.
EMPLUS-2GO
Easy-Mark Plus™ Portable Application, USB flash drive.
EMPLUS-SERVER Easy-Mark Plus™ Labeling Software, networkable server based version.
Printers and Accessories
EMPLUS
MP200
MP200 KIT
High printing speed
Half cut function
Front loading cassette
Less margin waste
Label retention
after cutting
Magnetic attachment
MP200
PXE™ Series
Mobile Printer
Part Number
Description
MP200
The MP200 printer is a rugged, high performance, economical industrial printer. It features fast print speeds up to 1.2"/sec,
a powered cutter allowing both full and half cuts, a large LCD backlit screen, custom label modes, barcodes and symbols.
The MP200 prints continuous tapes up to 1.0" wide for network, electrical, and other industrial applications. It comes with
the printer, one T100X000VPM-BK continuous label cassette, and quick reference card. For use globally.
MP200 KIT
The MP200-KIT printer is a rugged, high performance, economical industrial printer. It features fast print speeds up to
1.2"/sec, a powered cutter, a large LCD backlit screen, custom label modes, barcodes and symbols. The MP200 prints
continuous tapes up to 1.0" wide for network, electrical, and other industrial applications. It comes with the printer, one
T100X000VPM-BK continuous label cassette, hard carrying case, rechargeable battery pack, magnetic feet, USB cable,
and power adapter. For use in North America.
MP200/E-KIT
The MP200/E-KIT printer is a rugged, high performance, economical industrial printer. It features fast print speeds up to
1.2"/sec, a powered cutter, a large LCD backlit screen, custom label modes, barcodes and symbols. The MP200 prints
continuous tapes up to 1.0" wide for network, electrical, and other industrial applications. It comes with the printer, one
T100X000VPM-BK continuous label cassette, hard carrying case, rechargeable battery pack, magnetic feet, USB cable,
and power adapter. For use outside North America.
MP-ACS-1
The MP-ACS-1 12-240 VAC Universal Power Adapter is designed for use with the MP100 and MP200 mobile printers. The
universal power adapter is RoHS Compliant. The adapter is black and comes 1 per package. For use in North America.
MP-BATT
The MP-BATT Li-Ion Rechargeable Replacement Battery Pack is designed for use with the MP200 and MP300 mobile
printers. The battery pack is RoHS Compliant. The battery is gray and comes 1 per package. For use in North America.
MP-CASE
The MP-CASE is a Replacement Hard Carrying Case designed for the MP200 and MP300 mobile printers. The case is RoHS
Compliant. The case is 15.57 inches L x 11.74 inches W (395.4 mm x 298.4 mm). It is black and comes 1 per package.
PTR-CLN
Printer cleaning kit - contains (1) cleaning pen, (8) cleaning solution soaked wipes, (8) foam swabs pre-saturated with
cleaning solution, MSDS, and cleaning instructions
Easy-Mark Plus Labeling Software is sold separately, not included with PXE Printers
Up to
1.4 in/sec
35.5mm/sec
.16 in
4mm
High printing speed
Half cut function
Front loading cassette
Less margin waste
Label retention after cutting Magnetic attachment
Continuous Tapes
Continuous Self-Laminating Labels
Patch Panel / Face Plate Labels
Mixed Length Labels
Flag Labels
Up to
1.4 in/sec
35.5mm/sec
.16 in
4mm
High printing speed
Half cut function
Front loading cassette
Less margin waste
Label retention after cutting Magnetic attachment
Continuous Tapes
Continuous Self-Laminating Labels
Patch Panel / Face Plate Labels
Mixed Length Labels
Flag Labels
Up to
1.4 in/sec
35.5mm/sec
.16 in
4mm
High printing speed
Half cut function
Front loading cassette
Less margin waste
Label retention after cutting Magnetic attachment
Continuous Tapes
Continuous Self-Laminating Labels
Patch Panel / Face Plate Labels
Mixed Length Labels
Flag Labels



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com