Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP200 Datasheet(PDF) 4 Page - PANDUIT CORP.

Part # MP200
Description  PXE™ SERIES Mobile Printer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MP200 Datasheet(HTML) 4 Page - PANDUIT CORP.

  MP200 Datasheet HTML 1Page - PANDUIT CORP. MP200 Datasheet HTML 2Page - PANDUIT CORP. MP200 Datasheet HTML 3Page - PANDUIT CORP. MP200 Datasheet HTML 4Page - PANDUIT CORP. MP200 Datasheet HTML 5Page - PANDUIT CORP. MP200 Datasheet HTML 6Page - PANDUIT CORP. MP200 Datasheet HTML 7Page - PANDUIT CORP. MP200 Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Product Bulletin
Ordering Information
Continuous Self-Laminating Labels
• Fast-loading Label Cassette includes both label material and ribbon to make
changing labels easy
• Self-laminating adhesive labels for wire/cable identification include a white
print-on area and clear over-laminate
Self-Laminating Vinyl
(VA)
-40°F to 150°F
(-40°C to 66°C)
Part Number
Part
Description
Printer Compatibility
Print-On
Area
Color
Width
Length
Print-On
Area Width
Min. Cable
O.D.
Max. Cable
O.D.
Wire/
Cable
Size
Range
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
MP75 MP100 MP200 MP300
In.
mm
Ft.
m
In.
mm
In.
mm
In.
mm
S000X100VAM
MP Cassette,
Continuous
Self-Lam Tape,
Vinyl, 1.0" W x
26' L, White
N
Y
Y
Y
White 0.945 24 26.2 8.0 0.315 8
0.10 2.5 0.20 5.1 12 – 10
AWG
1
5
Representative offering only, visit www.panduit.com for complete listing of products.
Non-Laminated Label Cassettes
• Fast-loading Label Cassette includes both label material and ribbon to make
changing labels easy
• Non-laminated adhesive labels for wire/cable identification
Nylon Cloth
(C1M)
-65°F to 275°F
(-54°C to 135°C)
Representative offering only, visit www.panduit.com for complete listing of products.
MP200
PXE™ Series
Mobile Printer
Part Number
Part Description
Printer Compatibility
Print-On
Area
Color
Height
Length
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
MP75 MP100 MP200 MP300
In.
mm
Ft.
m
T050X000C1M-BK
MP Cassette, Continuous Tape, Nylon Cloth,
0.50" W x 19' L, Black on White
Y
N
Y
Y
Black on
White
0.465 11.82
19
6
1
5
T075X000C1M-BK
MP Cassette, Continuous Tape, Nylon Cloth,
0.75" W x 19' L, Black on White
0.702 17.82
T100X000C1M-BK
MP Cassette, Continuous Tape, Nylon Cloth,
1.00" W x 19' L, Black on White
N
0.938 23.82



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com