Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERCON816 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SERCON816
Description  SERCOS INTERFACE CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERCON816 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SERCON816 Datasheet HTML 7Page - STMicroelectronics SERCON816 Datasheet HTML 8Page - STMicroelectronics SERCON816 Datasheet HTML 9Page - STMicroelectronics SERCON816 Datasheet HTML 10Page - STMicroelectronics SERCON816 Datasheet HTML 11Page - STMicroelectronics SERCON816 Datasheet HTML 12Page - STMicroelectronics SERCON816 Datasheet HTML 13Page - STMicroelectronics SERCON816 Datasheet HTML 14Page - STMicroelectronics SERCON816 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/23
SERCON816
3.5.2 Clock Input SCLK
Figure 6. Timing of Clock SCLK
3.5.3 Address Latch
Figure 7. Address Latch
Symbol
Parameter
Min.
Typ.
Max.
Unit
fSCLK
Clock frequency SCLK
PLL used (SBAUD16=0)
32
64
MHz
PLL unused (SBAUD16=1)
64
MHz
tSCLK0
SCLK low
6
ns
tSCLK1
SCLK high
6
ns
Symbol
Parameter
Min.
Typ.
Max.
Unit
TALEW
Pulse width ALEL, ALEH
10
ns
TALESU
Setup time D15-0 to falling edge ALEH, ALEL
5
ns
TALEHD
hold time falling edge ALEH, ALEL to D15-0
5
ns
tDA
Delay from D15-0 to A15-0
20
ns
SCLK
1 / fSCLK
tSCLK0
tSCLK1
ALEH, ALEL
D15-0
A15-0
tDA
tALEW
tALESU
tALEHD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com