Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERCON816 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SERCON816
Description  SERCOS INTERFACE CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERCON816 Datasheet(HTML) 5 Page - STMicroelectronics

  SERCON816 Datasheet HTML 1Page - STMicroelectronics SERCON816 Datasheet HTML 2Page - STMicroelectronics SERCON816 Datasheet HTML 3Page - STMicroelectronics SERCON816 Datasheet HTML 4Page - STMicroelectronics SERCON816 Datasheet HTML 5Page - STMicroelectronics SERCON816 Datasheet HTML 6Page - STMicroelectronics SERCON816 Datasheet HTML 7Page - STMicroelectronics SERCON816 Datasheet HTML 8Page - STMicroelectronics SERCON816 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
SERCON816
2
PIN DESCRIPTION
Table 1. SERCON816 I/O Port Function Summary
Signal(s)
Pin(s)
IO
Function
D15-0
77-80,
82-85,
87-90,
92-95
I/O
Data bus: for 8-bit-wide bus interfaces, data is wri
tten to and read via D7-0, for
16-bit-wide bus interfaces via D15-0. When ADMUX is 1, the address which is
stored in the address latch with ALEL and ALEH is input via D15-0.
ALEL, ALEH
54, 53
I
Address latch enable, low and high, active high: they are only used when
ADMUX is 1. When ALEL/ALEH is 1, the signals go from the data bus to the
address bus, when ALEL/ALEH = 0, they store the address. When ADMUX is
0, ALEL/ALEH have to be connected to VDD.
RDN
51
I
Read: for the Intel bus interface, data is read when RDN is 0. For the Motorola
bus interface, data is read or written to when RDN is 0 (BUSMODE1 = 0) or
RDN is 1 (BUSMODE1 = 1).
WRN
52
I
Write: for the Intel bus interface, data is written to when WRN is 0. For the
Motorola bus interace, WRN selects read (WRN = 1) and write (WRN = 0)
operations of the data bus.
BHEN
75
I
Byte high enable, active low: in the 16-bit bus mode, data is transferred via
D15-8 when BHEN is 0.
MCSN0,
MCSN1
46,47
I
Memory chip select, active low: to access the internal RAM MCSN0 and
MCSN1 must be 0.
PCSN0,
PCS1
48,49
I
Periphery chip select, active low (PCSN0) and active high (PCS1): to access
the control registers PCSN0 must equal 0 and PCS1 must equal 1.
BUSYN
45
O
RAM busy, active low: becomes active if an access to an address of the dual
port RAM is performed simultaneously to an access to the same memory
location by the internal telegram processing.
DMAREQR
38
O
DMA request receive, active high: becomes active if data from the receive
FIFO can be read. At the beginning of the read operation of the last word of
the receive FIFO, DMAREQR becomes inactive.
DMAACKRN
40
I
DMA acknowledge receive, active low: when DMAACKRN is 0, the receive
FIFO is read, independent of the levels on A6-1 and the chip select signals.
DMAREQT
39
O
DMA request transmit, active high: becomes active when data can be written
to the transmit FIFO. DMAREQT becomes inactive again at the beginning of
the last write access to the transmit FIFO.
DMAACKTN
41
I
DMA acknowledge transmit, active low: when DMAACKTN is 0, the transmit
FIFO is written to when there is a bus write access independent of the levels
on A6-1 and the chip select signals.
ADMUX
96
I
Address data bus: when ADMUX is 0 A15-0 are the address inputs, when
ADMUX is 1 A15-0 are the outputs of the address latch.
BUSMODE0,
BUSMODE1
97,98
I
Bus mode: BUSMODE0 = 0 turns on the Intel bus interface (RDN = read,
WRN = write), BUSMODE0 = 1 selects the Motorola interface (RDN = data
strobe, WRN = read/write). BUSMODE1 selects the 0-active data strobe
(BUSMODE1 = 0) or the 1-active data strobe (BUSMODE1 = 1).
BUSWIDTH
99
I
Bus width: selects the 8-bit- (0) or the 16-bit-wide interface (1).
BYTEDIR
100
I
Byte address sequence: when BYTEDIR is 0, A0 = 0 addresses the lower 8
bits of a word (low byte first), when BYTEDIR is 1, the upper 8 bits of a word
are addressed (high byte first).
INT0, INT1
44,43
O
Interrupts, active low or active high. Interrupt sources and signal polarity are
programmable.
SBAUD16
28
I
Baud rate and SERCON410B compatible mode: SBAUD and SBAUD16
selects the baud rate for the serial interface. If SBAUD16 is ‘1’ the
SERCON410B compatible mode is selected.
SBAUD
29
I
Baud rate. Can be overwritten by the microprocessor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com