Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T45DC Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T45DC
Description  2-bit dual supply translating transceiver; 3-state
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T45DC Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74AXP2T45DC Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Nexperia
74AXP2T45
2-bit dual supply translating transceiver; 3-state
10. Static characteristics
Table 7. Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
-40 °C to +125 °C
+25 °C
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ
Max
Max
Max
Unit
nA, nB and DIR input
[1]
VCCI = 0.9 V
0.7VCCI
-
-
-
-
V
VCCI = 1.1 V to 1.95 V
0.65VCCI
-
-
-
-
V
VCCI = 2.3 V to 2.7 V
1.6
-
-
-
-
V
VCCI = 3.0 V to 3.6 V
2.0
-
-
-
-
V
VIH
HIGH-level
input voltage
VCCI = 4.5 V to 5.5 V
0.7VCCI
-
-
-
-
V
nA, nB and DIR input
[1]
VCCI = 0.9 V
-
-
0.3VCCI
0.3VCCI
0.3VCCI
V
VCCI = 1.1 V to 1.95 V
-
-
0.35VCCI
0.35VCCI
0.35VCCI
V
VCCI = 2.3 V to 2.7 V
-
-
0.7
0.7
0.7
V
VCCI = 3.0 V to 3.6 V
-
-
0.8
0.8
0.8
V
VIL
LOW-level
input voltage
VCCI = 4.5 V to 5.5 V
-
-
0.3VCCI
0.3VCCI
0.3VCCI
V
VI = VIH
[2]
IO = -0.1 mA; VCCO = 0.9 V to 5.5 V
[3]
VCCO - 0.1
0.9
-
-
-
V
IO = -1.5 mA; VCCO = 1.1 V
0.825
-
-
-
-
V
IO = -3 mA; VCCO = 1.4 V
1.05
-
-
-
-
V
IO = -4.5 mA; VCCO = 1.65 V
1.2
-
-
-
-
V
IO = -8 mA; VCCO = 2.3 V
1.7
-
-
-
-
V
IO = -10 mA; VCCO = 3.0 V
2.2
-
-
-
-
V
VOH
HIGH-level
output voltage
IO = -12 mA; VCCO = 4.5 V
3.7
-
-
-
-
V
74AXP2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 1 — 19 March 2020
5 / 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com