Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T45DC Datasheet(PDF) 21 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T45DC
Description  2-bit dual supply translating transceiver; 3-state
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T45DC Datasheet(HTML) 21 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T45DC Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 21Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 22Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 23Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 24Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 25Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Nexperia
74AXP2T45
2-bit dual supply translating transceiver; 3-state
12.2. Bidirectional logic level-shifting application
Fig. 16 shows the 74AXP2T45 being used in a bidirectional logic level-shifting application. Since
the device does not have an output enable (OE) pin, the system designer should take precautions
to avoid bus contention between system-1 and system-2 when changing directions.
74AXP2T45
VCC(A)
VCC(B)
1A
1B
2A
2B
GND
DIR
aaa-029974
1
2
3
4
6
5
8
7
PULL-UP/DOWN
DIR CTRL
VCC1
VCC1
I/O-1
system-1
PULL-UP/DOWN
DIR CTRL
VCC2
VCC2
I/O-2
system-2
System-1 and system-2 must use the same conditions, i.e., both pull-up or both pull-down.
Fig. 16. Bidirectional logic level-shifting application
Table 18 gives a sequence that will illustrate data transmission from system-1 to system-2 and then
from system-2 to system-1.
Table 18. Bidirectional logic level-shifting application [1] [2]
State DIR CTRL I/O-1
I/O-2
Description
1
H
output
input
system-1 data to system-2
2
H
Z
Z
system-2 is getting ready to send data to system-1.
I/O-1 and I/O-2 are disabled. The bus-line state
depends on the pull-up or pull-down.
3
L
Z
Z
DIR bit is set LOW. I/O-1 and I/O-2 still are disabled.
The bus-line state depends on the pull-up or pull-down.
4
L
input
output
system-2 data to system-1
[1] System-1 and system-2 must use the same conditions, i.e., both pull-up or both pull-down.
[2] H = HIGH voltage level; L = LOW voltage level; Z = high-impedance OFF-state.
12.3. Enable times
Calculate the enable times for the 74AXP2T45 using the following formulas:
• Direction A to B:
• tPZL (DIR to B) = tPHL (A to B) + tPHZ (DIR to A)
• tPZH (DIR to B) = tPLH (A to B) + tPLZ (DIR to A)
• Direction B to A:
• tPZL (DIR to A) = tPHL (B to A) + tPHZ (DIR to B)
• tPZH (DIR to A) = tPLH (B to A) + tPLZ (DIR to B)
In a bidirectional application, these enable times provide the maximum delay from the time
the DIR bit is switched until an output is expected. For example, if the 74AXP2T45 initially is
transmitting from A to B, then the DIR bit is switched, the B port of the device must be disabled
before presenting it with an input. After the B port has been disabled, an input signal applied to it
appears on the corresponding A port after the specified propagation delay.
74AXP2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 1 — 19 March 2020
21 / 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com