Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

653 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 653
Description  3-to-8 line decoder/demultiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

653 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 653 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
74HC_HCT238
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 27 January 2016
8 of 19
NXP Semiconductors
74HC238; 74HCT238
3-to-8 line decoder/demultiplexer
10. Dynamic characteristics
Table 7.
Dynamic characteristics
GND = 0 V; test circuit see Figure 8.
Symbol Parameter
Conditions
25
C
40 C to +125 C
Min
Typ
Max
Max
(85
C)
Max
(125
C)
Unit
74HC238
tpd
propagation delay
An to Yn; see Figure 6
[1]
VCC = 2.0 V
-
47
150
190
225
ns
VCC = 4.5 V
-
17
30
38
45
ns
VCC = 5.0 V; CL =15pF
-
14
-
-
-
ns
VCC = 6.0 V
-
14
26
33
38
ns
E3 to Yn; see Figure 6
[1]
VCC = 2.0 V
-
52
160
200
240
ns
VCC = 4.5 V
-
19
32
40
48
ns
VCC = 5.0 V; CL =15pF
-
16
-
-
-
ns
VCC = 6.0 V
-
15
27
34
41
ns
En to Yn or see Figure 7
[1]
VCC = 2.0 V
-
50
155
195
235
ns
VCC = 4.5 V
-
18
31
39
47
ns
VCC = 5.0 V; CL =15pF
-
17
-
-
-
ns
VCC = 6.0 V
-
14
26
33
40
ns
tt
transition time
see Figure 6 and Figure 7
[2]
VCC = 2.0 V
-
19
75
95
110
ns
VCC = 4.5 V
-
7
15
19
22
ns
VCC = 6.0 V
-
6
13
16
19
ns
CPD
power dissipation
capacitance
per package; VI =GND to VCC
[3]
-72-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com