Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

653 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 653
Description  3-to-8 line decoder/demultiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

653 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  653 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The 74HC238; 74HCT238 decodes three binary weighted address inputs (A0, A1 and A2)
to eight mutually exclusive outputs (Y0 to Y7). The device features three enable inputs
(E1 and E2 and E3). Every output will be LOW unless E1 and E2 are LOW and E3 is
HIGH. This multiple enable function allows easy parallel expansion to a 1-of-32 (5 to 32
lines) decoder with just four '238 ICs and one inverter. The '238 can be used as an eight
output demultiplexer by using one of the active LOW enable inputs as the data input and
the remaining enable inputs as strobes. Inputs include clamp diodes. This enables the use
of current limiting resistors to interface inputs to voltages in excess of VCC.
2.
Features and benefits
 Demultiplexing capability
 Multiple input enable for easy expansion
 Ideal for memory chip select decoding
 Active HIGH mutually exclusive outputs
 Multiple package options
 Complies with JEDEC standard no. 7A
 Input levels:
 For 74HC238: CMOS level
 For 74HCT238: TTL level
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Specified from
40 Cto+85 C and from 40 Cto+125 C
3.
Ordering information
74HC238; 74HCT238
3-to-8 line decoder/demultiplexer
Rev. 4 — 27 January 2016
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC238D
40 C to +125 C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HCT238D
74HC238DB
40 C to +125 C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HCT238DB


Similar Part No. - 653

ManufacturerPart #DatasheetDescription
logo
Littelfuse
653 LITTELFUSE-653 Datasheet
76Kb / 1P
MINIATURE FUSEHOLDERS
logo
Automatic Timing & Cont...
653 ATC-653 Datasheet
476Kb / 2P
Multi-Function Multi-Range Solid-State
logo
Abbatron All Rights Res...
653 ABBATRON-653 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Nexperia B.V. All right...
653 NEXPERIA-653 Datasheet
181Kb / 15P
Quad 2-input NAND gate
Rev. 7 25 November 2015
653 NEXPERIA-653 Datasheet
171Kb / 16P
Dual 4-input multiplexer
Rev. 6 11 May 2016
More results

Similar Description - 653

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
3-to-8-line Decoder / Demultiplexer
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
3-to-8-line Decoder/Demultiplexer
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
3-to-8-line Decoder / Demultiplexer
logo
Texas Instruments
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com