Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4017 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74HC4017
Description  Johnson decade counter with 10 decoded outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4017 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74HC4017 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC4017 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC4017 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC4017 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC4017 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC4017 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HC4017 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74HC4017 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74HC4017 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
74HC_HCT4017
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 5 — 3 February 2016
13 of 23
NXP Semiconductors
74HC4017; 74HCT4017
Johnson decade counter with 10 decoded outputs
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Conditions: CP1 = LOW while CP0 is triggered on a LOW-to-HIGH transition and CP0 = HIGH, while CP1 is triggered on a
HIGH-to-LOW transition.
Fig 10. Waveforms showing the propagation delays for CP0, CP1 to Qn, Q5-9 outputs and the output transition
times
Table 8.
Measurement points
Type
Input
Output
VM
VM
74HC4017
0.5
 V
CC
0.5
 V
CC
74HCT4017
1.3 V
1.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com