Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHV Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # STHV
Description  Hyper-V In-Line Cable Ties and Mounts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

STHV Datasheet(HTML) 2 Page - PANDUIT CORP.

  STHV Datasheet HTML 1Page - PANDUIT CORP. STHV Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Hyper-V ™ C able Ties
Hyper-V ™ Cable Tie Mounts
Cable Tie Installation Tools
Manufactured in Weather Resistant Nylon 6.6 material.
Order number of pieces required, in multiples of Standard Package Quantity.
Manufactured in Weather Resistant Nylon 6.6 material.
Part Number
Length
In.
(mm)
Width
In.
(mm)
Thickness
In.
(mm)
Head Height
In.
(mm)
Head Width
In.
(mm)
Max. Bundle
Diameter
In.
(mm)
Min. Loop
Tensile
Strength
Lbs. (N)
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
HV965-C0
10.4(265)
0.350
(8.9)
0.076
(1.9)
0.318
(8.0)
0.571
(14.5)
2.60 (65)
160
(710)
100 1000
HV9100-C0
14.4 (367)
3.90 (100)
100 1000
HV9150-C0
20.7 (525)
5.90 (150)
100 1000
HV9250-C0
33.1 (841)
9.80 (250)
100 1000
Retaining tab within window
Holds tie in position when pre-installed in mount; tie will not slip out of mount when held
in a vertical position, providing easier installation and increased productivity
Barbs on masonry push mount
Low profile design
Positions the bundle closer to mounting surface, conserving space and reducing
standoff height of cable bundle
Rounded edges
Provide smooth surfaces on the mount, minimizing the risk of damage to cable,
adjacent bundles, or installers’ hands
Increases pullout force to support heavier bundles in demanding applications; barbs
extend to masonry surface for improved strength
For samples of Hyper-V™ Cable Ties and Mounts, contact Panduit Customer Service at 800-777-3300.
Part Number
Description
Std.
Pkg.
Qty.
STHV
Durable all-steel construction installation tool.
1
GTH-E
Ergonomic installation tool with tension control.
1
Part Number
Description
Mounting
Method
Mount
Dimensions
In. (mm)
Hole
Diameter
In.(mm)
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
HVMPM-08-C0
Masonry
Push Mount
Tree Barb
Grip Length
0.31 (8.0)
100
500
1.38 (35.1)
HVTM-06-C0
Tie Mount
M6 Screw or
Tapered Rivet
Length
0.23 (5.9)
100
500
0.81 (20.6)
Width
0.68 (17.3)
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT LATIN AMERICA
Guadalajara, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
©2016 Panduit Corp.
ALL RIGHTS RESERVED.
CTCB59--WW-ENG
replaces WW-CTCB20
3/2016
For more information
Visit us at www.panduit.com
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300
Key Features
Benefits
Hyper-V™ Cable Tie Mounts
Hyper-V™ Cable Ties and Mounts



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com