Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHV Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # STHV
Description  Hyper-V In-Line Cable Ties and Mounts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

STHV Datasheet(HTML) 1 Page - PANDUIT CORP.

  STHV Datasheet HTML 1Page - PANDUIT CORP. STHV Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Bulletin
Fixed and flexible 2-wedge
locking design
Provides a low threading force for quick and easy installation to improve
productivity and worker safety, reducing the potential for repetitive
motion injuries
Teeth on both sides of the
cable tie body
Releasable head position for
temporary bundling
Allows temporary bundling of cables prior to final locking, eliminating the need
to replace ties when adding cables/wires to the bundle
Teeth on full length of body
Support a wider range of bundle diameters, reducing the number of
inventoried parts
In-line tie design
Provides parallel-entry of tie into head, resulting in a lower profile on
cable bundles
Bending serrations on the tip
of the tie
Allows the tip to be easily formed into an arc, enabling an installer to “fish” the
tie around the bundle in a confined space
Provide additional locking strength and improved flexibility to conform to
irregular bundle shapes
Rounded edges
Provide a smooth surface on head and body, minimizing the risk of damage
to cable, adjacent bundles, or installers’ hands
Hyper-V™ In-Line Cable Ties
and Mounts
Hyper-V™ Cable Ties provide excellent tensile strength,
flexibility, and bundle tightness. The ties install quickly and
easily to improve productivity and reduce potential repetitive
motion injuries. The innovative design of both the ties
and mounts makes them the ideal solution for demanding
industrial construction and MRO installations.
Design provides for an optional threading
position that allows releasable,
temporary bundling
Tip bending serrations and threading hole
facilitate installations in confined spaces
A Quick, Strong, and Easy Solution for Bundling Wire
and Cable!
Threading hole in the tip of the tie
Allows an installer to hook the tip with a simple device to pull the tie through
spaces with limited access
Key Features
Benefits
Hyper-V™ Cable Ties
Retaining tab, within window of mounts,
holds cable tie in position


Similar Part No. - STHV

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
STHV PANDUIT-STHV Datasheet
81Kb / 1P
Cable Tie Tools – Installer Controlled Tension and Cut-Off
logo
Inchange Semiconductor ...
STHV102 ISC-STHV102 Datasheet
269Kb / 2P
isc N-Channel MOSFET Transistor
STHV102FI ISC-STHV102FI Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STHV1600 STMICROELECTRONICS-STHV1600 Datasheet
1Mb / 4P
16 channel ±100 V, ±2/±4 A, 5/3 level with RTZ, T/R switch, high-speed ultrasound pulser with integrated transmit beamformer
May 2020 Rev 2
STHV64SW STMICROELECTRONICS-STHV64SW Datasheet
2Mb / 3P
64-channel (±100 V / -200 to 0 V / 0 to 200 V), low harmonic distortion, high voltage analog independent switches
01-Mar-2019
More results

Similar Description - STHV

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
HLT2I-X0 PANDUIT-HLT2I-X0 Datasheet
715Kb / 4P
Hook and Loop Cable Ties
SG100M-C PANDUIT-SG100M-C Datasheet
291Kb / 4P
SUPER-GRIP??Cable Ties & Cable Tie Mounts
logo
List of Unclassifed Man...
4D10 ETC2-4D10 Datasheet
137Kb / 1P
Cable and Wire Mounts
8092 ETC2-8092 Datasheet
104Kb / 2P
CABLE CLAMPS AND TIES
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
Nylon Cable Ties
logo
3M Electronics
CT4BK18-C 3M-CT4BK18-C Datasheet
113Kb / 5P
3M™ Cable Ties
Rev N
logo
HellermannTyton.
151-16500 HELLERMANNTYTON-151-16500 Datasheet
173Kb / 3P
Cable Ties and Fixings
10/2017
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
Cable Ties and Fixings Cable Ties Outside Serrated
logo
PANDUIT CORP.
ESV10-ESV14-Q PANDUIT-ESV10-ESV14-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
logo
HellermannTyton.
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com