Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDPP8RG Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CDPP8RG
Description  IndustrialNet Category 5e Shielded 600 V-Rated Patch Cords
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CDPP8RG Datasheet(HTML) 1 Page - PANDUIT CORP.

  CDPP8RG Datasheet HTML 1Page - PANDUIT CORP. CDPP8RG Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com/ia
specifications
Industrial patch cords shall be constructed of Category 5e, industrial grade,
24 AWG stranded, twisted 4-pair shielded SF/UTP cable with a flame
retardant (CM) thermoplastic elastomer (TPE) jacket. Patch cord cable shall
be offered in multiple colors and lengths for design flexibility. Each patch cord
shall be pre-terminated to include Category 5e RJ45 shielded modular plugs
on each end, with a black strain relief boot, and wired according to the T568A
standard. Each patch cord is designed to support high-flex applications and
is rated for 600 V panel or on-machine applications when the space is shared
with high voltage power cables.
IndustrialNet™ Category 5e Shielded
600 V-Rated Patch Cords
SPECIFICATION SHEET
applications
technical information
Electrical/
mechanical performance:
Exceeds channel and component requirements of
ANSI/TIA-568-C.2 Category 5e and ISO 11801 Class D
standards at swept frequencies up to 100MHz; meets ODVA
Ethernet/IP electrical and mechanical performance requirements
FCC and ANSI
compliance:
Meets all applicable ANSI/TIA-968-A requirements; contacts plated with 50
microinches of gold for superior performance
IEC compliance:
Meets IEC 60603-7
UL-rated:
UL 1863 approved
IP compliance:
Rated IP20
RoHS compliancy status:
Compliant
PoE compliance:
Meets IEEE 802.3af and IEEE 802.3at for PoE applications
Other
standard compliances:
UL AWM Style 2463 (80°C 600 V)
Flex Life Test: 1 million cycles at 10x cable diameter; 10 million cycles at
20x cable diameter
Torsion Life Test: 3 million cycles, 360°
Temperature rating:
-20°C to 70°C (-4°F to 158°F) operating
-40°C to 70°C (-40°F to 158°F) storage
Wiring scheme:
T568A
Cable jacket diameter:
7.2mm (0.285 in.) nominal
Flame rating:
CM (UL1685)
Packaging:
1 unit per polyethylene bag, 10 units per carton
key features and benefits
Robust
600V-rated construction
Allows for patch runs between automation devices in industrial environments;
rated for 600 V panel or on-machine applications when the space is shared
with high voltage power cables; plug contact plated with 50 microinches of gold
100% performance tested
for wire map, NEXT, and
return loss
Confidence that each patch cord delivers specified performance
Centered
de-embedded plug
Performs in center of ANSI/TIA-568-C.2 component range,
ensuring interoperability and optimum performance
Integral pair manager
Optimizes performance and consistency by reducing untwist
at the plug
Flexible stranded cable
24 AWG stranded copper cable with a nominal diameter of
7.2mm (0.285 in.) allows for high density applications and superior panel
cable management
Identification provides
Identification of performance level, length, and quality control number for
future traceability
IndustrialNet™ Patch Cords provide an ideal solution to
support Industrial Ethernet from the Local Area
Network (LAN) based support offices to the
processing devices on the plant floor. The industrial
Ethernet patch cord is a key component to an overall
industrial Ethernet application. The patch cord will be
the interface that protects the integrity of the Ethernet
data transfer from the switch or PLC out to the devices
or up to the horizontal plant backbone. The patch cord
incorporates a durable oil and UV resistant TPE
jacketed cable with modular plugs and is fully shielded
for use in high noise (EMI/RFI) environments.
Key applications include:
• 10BASE-T (Ethernet)
• 100BASE-T (Fast Ethernet)
• 1000BASE-T (Gigabit Ethernet)
• Industrial Ethernet
• Ethernet/IP
• Control Panel deployments featuring power
source voltages
• Uplinks featuring gigabit data transmission
from the control panel to the consolidation point
• High flex applications – Robotic, C-Track
IndustrialNet ™ Category 5e Shielded
600 V-Rated Patch Cords
CM/CMX
:
*ISTPHCH1MTL
IndustrialNet ™ Category 5e SF/UTP
Copper Cable
CM/CMX
2-pair:
ISFCH5C02A**-XG
4-pair:
ISFCH5C04A**-XG
IndustrialNet ™ Category 6/5e RJ45
Field Terminable Plug
Field
terminable plug:
ISPS688FA
IndustrialNet ™ M12 D-Code Field
Terminable Plug
Field
terminable plug:
ISPS5E44MFA
IndustrialNet ™ M12 D-Code to RJ45
Panel Mount Adapter
Panel
mount adapter:
ICAM12DRJS
Mini-Com ® Modular Patch Panel
8-port:
CDPP8RG
DIN Rail Adapter
1-port:
CADIN1IW***
*For other lengths, change the length
designation (1M) of the part number to the
desired length (0.3M, 0.6M, 1.5M, 2M, 2.5M,
3M, 3.5M, 4M, 4.5M, 5M, 10M, 15M, or 20M);
to designate color, replace TL (Teal) suffix with
BL (Black), RD (Red), BU (Blue), GY (Gray), or
YL (Yellow). For example, the part number for a
2-meter teal patch cord is ISTPHCH2MTL.
**To designate color, add suffix TL (Teal),
BL (Black), RD (Red), BU (Blue), GY (Gray),
or YL (Yellow).
***For standard colors other than Off White,
replace IW in part number with BL (Black),
EI (Electric Ivory), IG (International Gray), or
WH (White).


Similar Part No. - CDPP8RG

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CDPP8RG PANDUIT-CDPP8RG Datasheet
172Kb / 1P
MINICOM COPPER 8 PORT DIN RAIL PATCH PANEL
01-17-12
CDPP8RG PANDUIT-CDPP8RG Datasheet
384Kb / 2P
8-Port DIN Rail Mount Copper Patching Solution
4/2021
CDPP8RG PANDUIT-CDPP8RG Datasheet
876Kb / 2P
IndustrialNet™ TX6A™ Shielded Field Term RJ45 Plug
1/2019
CDPP8RG PANDUIT-CDPP8RG Datasheet
435Kb / 2P
IndustrialNet™ Category 6A RJ45 Field Terminable Plug
10//2018
CDPP8RG PANDUIT-CDPP8RG Datasheet
422Kb / 2P
IndustrialNet™ M12 X-Code Field Terminable Plug
5/2018
More results

Similar Description - CDPP8RG

ManufacturerPart #DatasheetDescription
logo
3M Electronics
VOL-5EUP-L0.5 3M-VOL-5EUP-L0.5 Datasheet
124Kb / 2P
Category 5e RJ45 Patch Cables
logo
PANDUIT CORP.
CP245E88BLY PANDUIT-CP245E88BLY Datasheet
75Kb / 2P
5e Coupler Patch Panel Component Labels for Category 5e Coupler Patch Panel
logo
Hubbell Incorporated.
NSJ5EB24 HUBBELL-NSJ5EB24 Datasheet
383Kb / 1P
Category 5e Jack
NSJ5EGN24 HUBBELL-NSJ5EGN24 Datasheet
376Kb / 1P
Category 5e Jack
NSJ5EGY HUBBELL-NSJ5EGY Datasheet
285Kb / 1P
Category 5e Jack
NSJ5ELA HUBBELL-NSJ5ELA Datasheet
291Kb / 1P
Category 5e Jack
NSJ5ER24 HUBBELL-NSJ5ER24 Datasheet
380Kb / 1P
Category 5e Jack
logo
Bel Fuse Inc.
CA81-020M-01 BEL-CA81-020M-01 Datasheet
506Kb / 1P
Category 8.1 Patch Cords
SS-77100-015 BEL-SS-77100-015 Datasheet
1Mb / 2P
Category 8.2 Series Cable Jacks and Patch Cords
logo
PANDUIT CORP.
UTP28CH25BL PANDUIT-UTP28CH25BL Datasheet
820Kb / 2P
Category 5e Performance SD UTP Patch Cords
4/2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com