Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDPP8RG Datasheet (PDF) - PANDUIT CORP.

CDPP8RG Datasheet PDF - PANDUIT CORP.
Part # CDPP8RG
Download  CDPP8RG Download
File Size   435.24 Kbytes
Page   2 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description IndustrialNet™ Category 6A RJ45 Field Terminable Plug

CDPP8RG Datasheet (PDF)

Go To PDF Page Download Datasheet
CDPP8RG Datasheet PDF - PANDUIT CORP.

Part # CDPP8RG
Download  CDPP8RG Click to download

File Size   435.24 Kbytes
Page   2 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description IndustrialNet™ Category 6A RJ45 Field Terminable Plug

CDPP8RG Datasheet (HTML) - PANDUIT CORP.


CDPP8RG Product details

8-position, industrial plug shall be applicable for use in manufacturing as well as
other industrial environments. The product shall meet or exceed the component
requirements of the ANSI/TIA-568-C.2 Category 6 and Category 5e, ISO 11801
Class E and Class D, and ODVA Ethernet/IP^, PROFINET, and CC-Link
standards. It shall also meet the channel requirements of ANSI/TIA-568-C.2
Category 6A and ISO 11801 2nd Edition Class EA in a 4-connector configuration
up to 100 meters at swept frequencies up to 500MHz when installed with other
Panduit Category 6A components. The RJ45 plug shall be constructed of zinc
die cast housing with 360° shielding and shall include a dust cap. The plug
shall incorporate an ingress protection rating of IP20 and offer an extended
temperature range as required for more demanding applications. The plug shall
be capable of termination to either a 2-pair or 4-pair solid or stranded twisted pair
copper cable.




Similar Part No. - CDPP8RG

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CDPP8RG PANDUIT-CDPP8RG Datasheet
172Kb / 1P
MINICOM COPPER 8 PORT DIN RAIL PATCH PANEL
01-17-12
CDPP8RG PANDUIT-CDPP8RG Datasheet
384Kb / 2P
8-Port DIN Rail Mount Copper Patching Solution
4/2021
CDPP8RG PANDUIT-CDPP8RG Datasheet
876Kb / 2P
IndustrialNet™ TX6A™ Shielded Field Term RJ45 Plug
1/2019
CDPP8RG PANDUIT-CDPP8RG Datasheet
422Kb / 2P
IndustrialNet™ M12 X-Code Field Terminable Plug
5/2018
CDPP8RG PANDUIT-CDPP8RG Datasheet
381Kb / 2P
IndustrialNet Category 6A 600V Patch Cords
8/2018
More results


Similar Description - CDPP8RG

ManufacturerPart #DatasheetDescription
logo
3M Electronics
VOL-6ASFL-L1 3M-VOL-6ASFL-L1 Datasheet
149Kb / 2P
Category 6A S/FTP RJ45 Patch Cables
25-Mar-2010
logo
PANDUIT CORP.
SPS6X88-C PANDUIT-SPS6X88-C Datasheet
120Kb / 2P
TX6A Category 6A Shielded Modular Plug
logo
Hubbell Incorporated.
PREMISE_C6AFTPSRGY HUBBELL-PREMISE_C6AFTPSRGY Datasheet
233Kb / 1P
NEXTSPEED짰Ascent Category 6A FTP
PREMISE_C6AFTPSPGY HUBBELL-PREMISE_C6AFTPSPGY Datasheet
233Kb / 1P
NEXTSPEED짰Ascent Category 6A FTP
HJ6AB HUBBELL-HJ6AB Datasheet
300Kb / 1P
Ascent Category 6A Jack
HJ6AGL25 HUBBELL-HJ6AGL25 Datasheet
288Kb / 1P
Ascent Category 6A Jack
logo
PANDUIT CORP.
FP6X88MTG PANDUIT-FP6X88MTG Datasheet
649Kb / 2P
TX6A??Category 6A UTP Field Term RJ45 Plug
4/2019
logo
Bel Fuse Inc.
CT200001 BEL-CT200001 Datasheet
150Kb / 1P
FIELD TERMINABLE SC CONNECTOR UPC
Rev. A0
logo
Amphenol Communications...
P-DRP10-188-XXXXXX AMPHENOLCS-P-DRP10-188-XXXXXX Datasheet
1Mb / 5P
INDUSTRIAL CATEGORY 6A RJ45 FIELD TERMINABLE PLUG, ZINC ALLOY SHELL, PLASTIC HOUSING, PROTECTIVE COVER, WIRE SIZE, CABLE EXIT AND GOLD PLATING OPTIONS -RoHS COMPLIANT
Rev. E
logo
Lapp.
21700540 LAPP-21700540 Datasheet
130Kb / 2P
Field-Terminable Connector RJ45 Cat.5e FM45
25.08.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com