Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDPP8RG Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # CDPP8RG
Description  IndustrialNet™ Category 6A RJ45 Field Terminable Plug
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CDPP8RG Datasheet(HTML) 2 Page - PANDUIT CORP.

  CDPP8RG Datasheet HTML 1Page - PANDUIT CORP. CDPP8RG Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2018 Panduit Corp.
ALL RIGHTS RESERVED.
COSP339--WW-ENG
10//2018
IndustrialNet™ Category 6A RJ45 Field Terminable Plug
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT US/CANADA
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Guadalajara, Mexico
Phone: 52.33.3777.6000
iai@panduit.com
Visit us at www.panduit.com
For more information
Dimensions are in inches. [Dimensions in brackets are metric.]
Pin Assignment T568A
According to TIA/EIA-568-C.2
BR
WH/GR
WH/BR
WH/BU
BU
GR
WH/OR
OR
0.55
[13.9]
0.69
[17.4]
0.46
[11.68]
0.54
[13.8]
2.02
[51.2]
0.64
[16.2]
0.26
[6.6]
Figure Shown
Dust Cap Removed
WH/OR
OR
Dust Cap
Plug Housing
Wire Manager
BR
Pin Assignment T568B
According to TIA/EIA-568-C.2
WH/GR
WH/BU
WH/BR
GR
BU
Figure Shown
Dust Cap in Place
2.09
[53.2]
1.15
[29.3]
0.56
[14.2]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com