Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDPP8RG Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CDPP8RG
Description  IndustrialNet™ Category 6A RJ45 Field Terminable Plug
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CDPP8RG Datasheet(HTML) 1 Page - PANDUIT CORP.

  CDPP8RG Datasheet HTML 1Page - PANDUIT CORP. CDPP8RG Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
specifications
8-position, industrial plug shall be applicable for use in manufacturing as well as
other industrial environments. The product shall meet or exceed the component
requirements of the ANSI/TIA-568-C.2 Category 6 and Category 5e, ISO 11801
Class E and Class D, and ODVA Ethernet/IP^, PROFINET, and CC-Link
standards. It shall also meet the channel requirements of ANSI/TIA-568-C.2
Category 6A and ISO 11801 2nd Edition Class EA in a 4-connector configuration
up to 100 meters at swept frequencies up to 500MHz when installed with other
Panduit Category 6A components. The RJ45 plug shall be constructed of zinc
die cast housing with 360° shielding and shall include a dust cap. The plug
shall incorporate an ingress protection rating of IP20 and offer an extended
temperature range as required for more demanding applications. The plug shall
be capable of termination to either a 2-pair or 4-pair solid or stranded twisted pair
copper cable.
IndustrialNet™ Category 6A RJ45
Field Terminable Plug
applications
IndustrialNet™ Category 6A RJ45 Field Terminable
Plug provides an ideal solution to support Industrial
Ethernet from the Local Area Network (LAN) based
support offices to the processing devices on the
plant floor, for applications up to and including
10GBASE-T Ethernet. A key component to an
overall industrial Ethernet application, the plug is the
interface that protects the integrity of the Ethernet
data transfer from the switch or PLC out to the
devices, or up to the horizontal plant backbone.
Constructed of a robust die cast housing and fully
shielded, the plug is ideal for use in high noise
(EMI/RFI) environments. Field attachable for on-site
termination allows quick installation. The extended
temperature range -40°C to 85°C (-40°F to 185°F) is
ideal for use in more demanding applications such
as manufacturing facilities where temperature
extremes are the norm.
technical information
Electrical/
mechanical performance:
Exceeds channel and patch cord requirements of ANSI/TIA-568-C.2
Category 6 and Category 5e, and ISO 11801 Class E and Class D
standards at swept frequencies up to 250MHz and 100MHz respectively
and conforms to ODVA Ethernet/IP^, PROFINET and CC-Link electrical
and mechanical performance requirements when installed with other
Panduit components.
Meets the channel requirements of ANSI/TIA-568-C.2 Category 6A and
ISO 11801 2nd Edition Class EA in a 4-connector configuration up to 100
meters at swept frequencies up to 500MHz when installed with other
Panduit Category 6A components.
UL/IEC compliance:
Meets UL 1863 and IEC 60603-7-51
IP compliance:
Rated IP20
RoHS compliancy status:
Compliant
PoE compliance:
Meets IEEE 802.3af and IEEE 802.3at for PoE applications
Temperature rating:
-40°C to 85°C (-40°F to 185°F) operating and storage
Wiring scheme:
T568A/T568B
Conductor
termination range:
ISPS688FA: Solid 24/1-22/1 AWG, 0.020 in.-0.025 in. (0.51mm-0.64mm);
Stranded 27/7-22/7 AWG, 0.018 in.-0.030 in. (0.46mm-0.76mm);
Stranded 24/19-22/19 AWG, 0.024 in.-0.031 in. (0.61mm-0.78mm)
ISPS688FAS: Solid 26/1-24/1 AWG, 0.016 in.-0.020 in.
(0.41mm-0.51mm); Stranded 27/7-24/7 AWG, 0.018 in.-0.024 in.
(0.46mm-0.61mm); Stranded 26/19 AWG, 0.020 in. (0.51mm)
Insulation
termination range:
ISPS688FA: 1.0 – 1.6mm (0.039 – 0.063 in.)
ISPS688FAS: 0.85 – 1.0mm (0.033 – 0.039 in.)
Cable jacket
diameter range:
5.0 – 9.0mm (0.197 – 0.354 in.)
Packaging:
1 unit per PE bag, 10 units per carton
key features and benefits
Robust construction
Zinc die cast housing with 360° shielding and full metal shielding between
wire pairs; secure data transmission in high noise (EMI/RFI) environments;
dust cap protection; three strain relief settings (cable diameters 5.0mm to
9.0mm)
Field attachable
Can be assembled in 60 seconds; Knipex parallel jaw pliers,
part number 86 03 250, required
Extended
temperature range
-40°C to 85°C (-40°F to 185°F)
SPECIFICATION SHEET
*To designate color, add suffix TL (Teal), BL (Black), RD
(Red), BU (Blue) GY (Gray), or YL (Yellow).
**For other lengths, change the length designation (1M)
of the part number to the desired length (0.3M, 0.6M, 2M,
3M, 5M, or 10M); to designate color, replace TL (Teal)
suffix with BL (Black), RD (Red), or YL (Yellow). For
example, the part number of a 2-meter teal patch cord is
ISTPHCH2MTL.
***For standard colors other than Off White, replace IW
in part number with BL (Black), EI (Electric Ivory), IG
(International Gray), or WH (White).
^EtherNet/IP is a trademark of ODVA.
^^To designate color other than Red, add suffix BL (Black),
BU (Blue), YL (Yellow), GR (Green), OR (Orange), IW
(Off White) or IG (International Gray) at the end of the
part number. 10/package.
+To designate color other than IW (Off White), replace IW
with EI (Electric Ivory), IG (International Gray), BL (Black),
BU (Blue), RD (Red), YL (Yellow), GR (Green), OR
(Orange), or VL (Violet) in the part number. 100/package.
IndustrialNet ™ Category 5e Shielded
600 V-Rated Patch Cords
CM/CMX outdoor: **ISTPHCH1MTL
IndustrialNet ™ M12 D-Code to RJ45
Panel Mount Adapter
Panel mount adapter: ICAM12DRJS
Mini-Com® Modular Patch Panel
8-port:
CDPP8RG
DIN Rail Adapter
1-port:
CADIN1IW***
Tools and Accessories
Wire map
termination tool:
Kniplex 860325010" pliers
Jack module
termination tool: EGJT or TGJT
Wire snipping tool: CWST
Wire stripping tool: CJAST
Clear dust cap:
MDC-C
Block out device: PSL-DCJB^^
Phone icons:
CIPIW-C+
Data icons:
CIDIW-C+
IndustrialNet ™ Category 6A/6/5e RJ45
Field Terminable Plug for cables with 1.0-
1.6mm (0.039-0.063 in.) insulation diameter
Plug:
ISPS688FA
Replacement wire
manager:
ISPS688FA-WM
IndustrialNet™ Category 6A/6/5e RJ45
Field Terminable Plug for cables with 0.85-
1.0mm (0.033-0.039 in.) insulation diameter
Plug:
ISPS688FAS
Replacement wire
manager:
ISPS688FAS-WM
IndustrialNet ™ Category 5e SF/UTP
Copper Cable
CM
2-pair:
ISFCH5C02A*-XG
4-pair:
ISFCH5C04A*-XG
Flame retardant, halogen-free
2-pair/color Teal:
ISFX5502ATL-LED
2-pair/color Red:
ISFX5502ARD-LED
IndustrialNet ™ Category 5e F/UTP
Copper Cable
CM 4-pair/color Black:IFC5C04BBL-CEG
IndustrialNet ™ Category 5e U/UTP
Copper Cable
CM 4-pair/color Black:IUC5C04ABL-CEG
IndustrialNet ™ Category 6 F/UTP
Copper Cable
CM 4-pair/color Black:IFC6C04BBL-CEG
IndustrialNet ™ Category 6 U/UTP
Copper Cable
CM 4-pair/color Black:IUC6C04ABL-CEG
IndustrialNet ™ Category 6 S/FTP
Copper Cable
Flame retardant, halogen-free
4-pair/color Yellow: ISX6004AYL-LED
4-pair/color Red:
ISX6004ARD-LED
IndustrialNet ™ M12 D-Code Field
Terminable Plug
Field
terminable plug:
ISPS5E44MFA


Similar Part No. - CDPP8RG

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CDPP8RG PANDUIT-CDPP8RG Datasheet
172Kb / 1P
MINICOM COPPER 8 PORT DIN RAIL PATCH PANEL
01-17-12
CDPP8RG PANDUIT-CDPP8RG Datasheet
384Kb / 2P
8-Port DIN Rail Mount Copper Patching Solution
4/2021
CDPP8RG PANDUIT-CDPP8RG Datasheet
876Kb / 2P
IndustrialNet™ TX6A™ Shielded Field Term RJ45 Plug
1/2019
CDPP8RG PANDUIT-CDPP8RG Datasheet
422Kb / 2P
IndustrialNet™ M12 X-Code Field Terminable Plug
5/2018
CDPP8RG PANDUIT-CDPP8RG Datasheet
381Kb / 2P
IndustrialNet Category 6A 600V Patch Cords
8/2018
More results

Similar Description - CDPP8RG

ManufacturerPart #DatasheetDescription
logo
3M Electronics
VOL-6ASFL-L1 3M-VOL-6ASFL-L1 Datasheet
149Kb / 2P
Category 6A S/FTP RJ45 Patch Cables
25-Mar-2010
logo
PANDUIT CORP.
SPS6X88-C PANDUIT-SPS6X88-C Datasheet
120Kb / 2P
TX6A Category 6A Shielded Modular Plug
logo
Hubbell Incorporated.
PREMISE_C6AFTPSRGY HUBBELL-PREMISE_C6AFTPSRGY Datasheet
233Kb / 1P
NEXTSPEED짰Ascent Category 6A FTP
PREMISE_C6AFTPSPGY HUBBELL-PREMISE_C6AFTPSPGY Datasheet
233Kb / 1P
NEXTSPEED짰Ascent Category 6A FTP
HJ6AB HUBBELL-HJ6AB Datasheet
300Kb / 1P
Ascent Category 6A Jack
HJ6AGL25 HUBBELL-HJ6AGL25 Datasheet
288Kb / 1P
Ascent Category 6A Jack
logo
PANDUIT CORP.
FP6X88MTG PANDUIT-FP6X88MTG Datasheet
649Kb / 2P
TX6A??Category 6A UTP Field Term RJ45 Plug
4/2019
logo
Bel Fuse Inc.
CT200001 BEL-CT200001 Datasheet
150Kb / 1P
FIELD TERMINABLE SC CONNECTOR UPC
Rev. A0
logo
Amphenol Communications...
P-DRP10-188-XXXXXX AMPHENOLCS-P-DRP10-188-XXXXXX Datasheet
1Mb / 5P
INDUSTRIAL CATEGORY 6A RJ45 FIELD TERMINABLE PLUG, ZINC ALLOY SHELL, PLASTIC HOUSING, PROTECTIVE COVER, WIRE SIZE, CABLE EXIT AND GOLD PLATING OPTIONS -RoHS COMPLIANT
Rev. E
logo
Lapp.
21700540 LAPP-21700540 Datasheet
130Kb / 2P
Field-Terminable Connector RJ45 Cat.5e FM45
25.08.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com