Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

601310 Datasheet(PDF) 1 Page - CEE Norm UK Ltd

Part # 601310
Description  Yellow Straight Panel Mounting Socket 2PE (4H) IP44 16A 110V
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEENORM [CEE Norm UK Ltd]
Direct Link  https://www.ceenorm.co.uk/
Logo CEENORM - CEE Norm UK Ltd

601310 Datasheet(HTML) 1 Page - CEE Norm UK Ltd

  601310 Datasheet HTML 1Page - CEE Norm UK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Yellow Straight Panel Mounting Socket 2P+E (4H) IP44 16A 110V
Dimensions
All dimensions in mm.
a
b
c
d
62
62
47
47
e
f
h
i
5.5
7
17
51
k
l
m
Conductor mm² min
70
45
10
1.5
Conductor mm² max
4


Similar Part No. - 601310

ManufacturerPart #DatasheetDescription
logo
CEE Norm UK Ltd
601311 CEENORM-601311 Datasheet
65Kb / 1P
Blue Straight Panel Mounting Socket 2PE (6H) IP44 16A 240V
logo
List of Unclassifed Man...
6013131100 ETC2-6013131100 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
6013131200 ETC2-6013131200 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
6013131500 ETC2-6013131500 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
6013132100 ETC2-6013132100 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results

Similar Description - 601310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC494H ETC-HC494H Datasheet
39Kb / 3P
HC49/4H Crystals
logo
Ohmite Mfg. Co.
OMT200 OHMITE-OMT200 Datasheet
42Kb / 1P
Flange Mounting/Panel Mounting Types
logo
Winchester Electronics ...
KD-19-67 WINCHESTER-KD-19-67 Datasheet
36Kb / 1P
E-PANEL JACK
logo
GOOD-ARK Electronics
SSF1109 GOOD-ARK-SSF1109 Datasheet
1Mb / 7P
110V Channel MOSFET
logo
PHOENIX CONTACT
2200911 PHOENIX-2200911 Datasheet
44Kb / 2P
Mounting foot for panel mounting the HC-ALU panel mounting base
2200912 PHOENIX-2200912 Datasheet
44Kb / 2P
Mounting foot for panel mounting the HC-ALU panel mounting base
2200913 PHOENIX-2200913 Datasheet
43Kb / 2P
Mounting foot for panel mounting the HC-ALU panel mounting base
logo
Adels-Contact
252371D7 ADELS-252371D7 Datasheet
144Kb / 1P
TC 2523/ 1 E yellow
logo
Pepperl+Fuchs Inc.
K-MS PF-K-MS Datasheet
501Kb / 2P
Mounting Socket
2020-09-23
logo
List of Unclassifed Man...
077502 ETC-077502 Datasheet
122Kb / 1P
SOCKET OUTLET MOSAIC - EURO-US - 2PE - 2 MODULES - WHITE
May 2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com