Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC0218 Datasheet(PDF) 1 Page - Raspberry Pi Holdings PLC

Part # SC0218
Description  USB-C Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC0218 Datasheet(HTML) 1 Page - Raspberry Pi Holdings PLC

  SC0218 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC0218 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC0218 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC0218 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC0218 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC0218 Datasheet HTML 6Page - Raspberry Pi Holdings PLC SC0218 Datasheet HTML 7Page - Raspberry Pi Holdings PLC SC0218 Datasheet HTML 8Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Published in June 2019
by Raspberry Pi Trading Ltd.
Raspberry Pi 15.3W
USB-C Power Supply
www.raspberrypi.org


Similar Part No. - SC0218

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SC02201518 SKYWORKS-SC02201518 Datasheet
65Kb / 3P
MIS Chip Capacitors
SC02201518 SKYWORKS-SC02201518 Datasheet
161Kb / 5P
MIS Chip Capacitors
May 25, 2011
logo
SHENZHEN FUMAN ELECTRON...
SC024 FUMAN-SC024 Datasheet
141Kb / 3P
Cyclic timing IC
logo
Delta Electronics, Inc.
SC02D0505A DELTA-SC02D0505A Datasheet
238Kb / 4P
2W DC/DC CONVERTER, SMD-Package
SC02D0512A DELTA-SC02D0512A Datasheet
238Kb / 4P
2W DC/DC CONVERTER, SMD-Package
More results

Similar Description - SC0218

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
USB Dual Port Power Supply Controller
March 2004
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
USB Port Power Supply Controller
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
USB Dual Port Power Supply Controller
March 2004
logo
List of Unclassifed Man...
MC000996 ETC2-MC000996 Datasheet
219Kb / 1P
USB C to USB C Cable
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
Dual USB Port Power Supply Controller
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
USB Port Power Supply Controller
logo
SparkFun Electronics
PRT-08376 SPARKFUN-PRT-08376 Datasheet
172Kb / 2P
SparkFun Breadboard Power Supply USB -
8/5/2016
logo
Pepperl+Fuchs Inc.
USB-FBPS-1.11.45.NI PF-USB-FBPS-1.11.45.NI Datasheet
1Mb / 3P
USB Fieldbus Power Supply
2021-01-12
logo
Qualtek Electronics Cor...
QKRC-10-05 QUALTEK-QKRC-10-05 Datasheet
914Kb / 6P
10W 5V Snap-in USB Type C Power Supply Receptacle
2021-11-11
logo
Renesas Technology Corp
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
USB Dual Port Power Supply Controller
Aug 10, 2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com