Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1174 Datasheet(PDF) 3 Page - Raspberry Pi Holdings PLC

Part # SC1174
Description  Raspberry Pi AI Camera
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1174 Datasheet(HTML) 3 Page - Raspberry Pi Holdings PLC

  SC1174 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1174 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1174 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1174 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1174 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC1174 Datasheet HTML 6Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Raspberry Pi AI Camera – Raspberry Pi Ltd
Specification
Sensor:
Sony IMX500
Resolution:
12.3 megapixels
Sensor size:
7.857 mm (type 1/2.3)
Pixel size:
1.55 μm × 1.55 μm
Horizontal/vertical:
4056 × 3040 pixels
IR cut filter:
Integrated
Autofocus system:
Manual adjustable focus
Focus range:
20 cm – ∞
Focal length:
4.74 mm
Horizontal field of view:
66 ±3 degrees
Vertical field of view:
52.3 ±3 degrees
Focal ratio (F-stop):
F1.79
Infrared sensitive:
No
Output:
Image (Bayer RAW10), ISP output (YUV/RGB), ROI,
metadata
Input tensor maximum size: 640(H) × 640(V)
Input data type:
'int8' or 'uint8'
Memory size:
8388480 bytes for firmware, network weight file,
and working memory
Framerate:
2×2 binned: 2028×1520 10-bit 30fps
Full resolution: 4056×3040 10-bit 10fps
Dimensions:
25 × 24 × 11.9 mm
Ribbon cable length:
200 mm
Cable connector:
15 × 1 mm FPC or 22 × 0.5 mm FPC
Operating temperature:
0°C to 50°C
Compliance:
For a full list of local and regional product approvals,
please visit pip.raspberrypi.com
Production lifetime:
The Raspberry Pi AI Camera will remain in production until
at least January 2028



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com