Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1174 Datasheet(PDF) 4 Page - Raspberry Pi Holdings PLC

Part # SC1174
Description  Raspberry Pi AI Camera
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1174 Datasheet(HTML) 4 Page - Raspberry Pi Holdings PLC

  SC1174 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1174 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1174 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1174 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1174 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC1174 Datasheet HTML 6Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Raspberry Pi AI Camera – Raspberry Pi Ltd
Physical specification
2.75
23.862
1.12
1
3.875
6.98
5.71
68°
19.61
23.862
14.5
25
2.0
2.0
14.4
12.5
12
12.5
ø4.75
ø2.2
12.8
19.5
ø5.75
43°
2.55
14.5
16.5
Note:
All dimensions in mm
All dimensions are approximate and for
reference purposes only. The dimensions
shown should not be used for producing
production data
The dimensions are subject to part and
manufacturing tolerances
Dimensions may be subject to change
WARNINGS
•
This product should be operated in a well ventilated environment, and if used inside a case, the case should not
be covered.
•
Whilst in use, this product should be firmly secured or should be placed on a stable, flat, non-conductive surface, and
should not be contacted by conductive items.
•
The connection of incompatible devices to Raspberry AI Camera may affect compliance, result in damage to the unit,
and invalidate the warranty.
•
All peripherals used with this product should comply with relevant standards for the country of use and be marked
accordingly to ensure that safety and performance requirements are met.
SAFETY INSTRUCTIONS
To avoid malfunction or damage to this product, please observe the following:
•
Important: Before connecting this device, shut down your Raspberry Pi computer and disconnect it from
external power.
•
If the cable becomes detached, first pull forward the locking mechanism on the connector, then insert the ribbon
cable ensuring that the metal contacts face towards the circuit board, and finally push the locking mechanism
back into place.
•
This device should be operated in a dry environment at normal ambient temperatures.
•
Do not expose to water or moisture, or place on a conductive surface whilst in operation.
•
Do not expose to heat from any source; Raspberry Pi AI Camera is designed for reliable operation at normal ambient
temperatures.
•
Store in a cool, dry location.
•
Avoid rapid changes of temperature, which can cause moisture to build up in the device, affecting image quality.
•
Take care not to fold or strain the ribbon cable.
•
Take care whilst handling to avoid mechanical or electrical damage to the printed circuit board and connectors.
•
Whilst it is powered, avoid handling the printed circuit board, or handle it only by the edges, to minimise the risk of
electrostatic discharge damage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com