Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1227 Datasheet(PDF) 3 Page - Raspberry Pi Holdings PLC

Part # SC1227
Description  Raspberry Pi Touch Display
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1227 Datasheet(HTML) 3 Page - Raspberry Pi Holdings PLC

  SC1227 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1227 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1227 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1227 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1227 Datasheet HTML 5Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specification
Assembly module size:
192.96mm × 110.76mm
Display size (diagonal):
7 inches
Display format:
800 (RGB) × 480 pixels
Active area:
154.08mm × 85.92mm
LCD type:
TFT, normally white, transmissive
Touch panel:
True multi-touch capacitive touch panel with up to 10
points of absolution
Surface treatment:
Anti-glare
Colour configuration:
RGB-stripe
Backlight type:
LED B/L
Production lifetime:
The touch display will remain in production until at
least January 2030
Compliance:
For a full list of local and regional product approvals,
please visit pip.raspberrypi.com
For our white paper on designing with the Raspberry Pi Touch Display, email
applications@raspberrypi.com
3
Raspberry Pi Touch Display – Raspberry Pi Ltd



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com