Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1227 Datasheet(PDF) 4 Page - Raspberry Pi Holdings PLC

Part # SC1227
Description  Raspberry Pi Touch Display
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1227 Datasheet(HTML) 4 Page - Raspberry Pi Holdings PLC

  SC1227 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1227 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1227 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1227 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1227 Datasheet HTML 5Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAFETY INSTRUCTIONS
To avoid malfunction or damage to this product, please observe the following:
•
Before connecting the device, shut down your Raspberry Pi computer and disconnect it from external power.
•
If the cable becomes detached, pull the locking mechanism forward on the connector, insert the ribbon cable ensuring
the metal contacts face towards the circuit board, then push the locking mechanism back into place.
•
This device should be operated in a dry environment at 0–50°C.
•
Do not expose it to water or moisture, or place on a conductive surface whilst in operation.
•
Do not expose it to excessive heat from any source.
•
Care should be taken not to fold or strain the ribbon cable.
•
Care should be taken when screwing in parts. A cross-thread can cause irreparable damage and void the warranty.
•
Take care whilst handling to avoid mechanical or electrical damage to the printed circuit board and connectors.
•
Avoid handling the printed circuit board whilst it is powered and only handle by the edges to minimise the risk of
electrostatic discharge damage.
•
Store in a cool, dry location.
•
Avoid rapid changes of temperature, which can cause moisture to build up in the device.
•
The display surface is fragile and has the potential to shatter.
•
The product must be mounted in a suitable enclosure. The enclosure, including any gaps provided for ventilation or
cable entry, must ensure all parts of the circuit board are inaccessible during operation.
4
Raspberry Pi Touch Display – Raspberry Pi Ltd



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com