Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1228 Datasheet(PDF) 3 Page - Raspberry Pi Holdings PLC

Part # SC1228
Description  Raspberry Pi Monitor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1228 Datasheet(HTML) 3 Page - Raspberry Pi Holdings PLC

  SC1228 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1228 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1228 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1228 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1228 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC1228 Datasheet HTML 6Page - Raspberry Pi Holdings PLC SC1228 Datasheet HTML 7Page - Raspberry Pi Holdings PLC SC1228 Datasheet HTML 8Page - Raspberry Pi Holdings PLC SC1228 Datasheet HTML 9Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Specification
Features:
15.6-inch full HD 1080p IPS display
Integrated angle-adjustable stand
Built-in audio via two front-facing speakers
Audio out via 3.5mm jack
Full-size HDMI input
VESA and screw mounting options
Volume and brightness control buttons
USB-C power cable
Display:
Screen size: 15.6 inches, 16:9 ratio
Panel type: IPS LCD with anti-glare coating
Display resolution: 1920 × 1080
Colour depth: 16.2M
Brightness (typical): 250 nits
Power:
1.5A at 5V
Can be powered directly from a Raspberry Pi USB port
(max 60% brightness, 50% volume) or by a separate power
supply (max 100% brightness, 100% volume)
Connectivity:
Standard HDMI port (1.4 compliant)
3.5mm stereo headphone jack
USB-C (power in)
Audio:
2 × 1.2W integrated speakers
Support for 44.1kHz, 48kHz, and 96kHz sample rates
Production lifetime:
The Raspberry Pi Monitor will remain in production until at
least January 2034
Compliance:
For a full list of local and regional product approvals, please
visit pip.raspberrypi.com
3
Raspberry Pi Monitor – Raspberry Pi Ltd



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com