Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1228 Datasheet(PDF) 7 Page - Raspberry Pi Holdings PLC

Part # SC1228
Description  Raspberry Pi Monitor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1228 Datasheet(HTML) 7 Page - Raspberry Pi Holdings PLC

  SC1228 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1228 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1228 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1228 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1228 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC1228 Datasheet HTML 6Page - Raspberry Pi Holdings PLC SC1228 Datasheet HTML 7Page - Raspberry Pi Holdings PLC SC1228 Datasheet HTML 8Page - Raspberry Pi Holdings PLC SC1228 Datasheet HTML 9Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
WARNINGS
•
The monitor is intended for indoor desktop use only
•
Never expose the monitor to rain or moisture; never spill liquids on the monitor
•
Avoid dust, humidity, and temperature extremes
•
Do not place objects on top of the monitor
•
Do not subject the monitor to severe vibration or high impact
•
Do not place the monitor on an unstable surface
•
Do not knock or drop the monitor during operation or transportation; this is likely to cause damage to the product
•
When mounting the monitor, it should be securely fastened so it does not fall
•
Do not exert excessive force on the screen and surround; do not press the monitor screen with fingers or put objects
on it
•
Do not twist or distort the case in any way
•
Do not transport the monitor in ways in which might exert force on the monitor without adequate protection
•
Never push any object into the slots on the monitor case
•
You may find slightly uneven brightness on the screen in different conditions
•
Do not remove the cover or attempt to service this unit yourself; an authorised technician should perform servicing of
any nature
•
This product is in compliance with the relevant regulations and directives imposed by the countries into which it is
sold. The compliance of the product has been established through testing using appropriate industry standards and
quality management procedures.
The product is considered a Class B unintentional radiator and complies with Part 15 of FCC Rules. Operation is
subject to the following two conditions:
(1) This device may not cause harmful interference, and (2) This device must accept any interference received
including interference that may cause undesired operation. In a domestic environment this product may cause radio
interference in which case the user may be required to take adequate measures.
SAFETY INSTRUCTIONS
To avoid malfunction or damage to this product, please observe the following:
•
Do not expose to water or moisture
•
Do not expose to heat from any external source; the Raspberry Pi Monitor is designed for reliable operation at normal
ambient temperatures
•
Take care whilst handling to avoid mechanical or electrical damage to the product
•
Always turn off the monitor and unplug cables before cleaning
•
Do not spray liquids directly onto any parts of the product or use strong chemical products to clean it
•
A soft cloth can be used to wipe the screen and other parts of the monitor
7
Raspberry Pi Monitor – Raspberry Pi Ltd



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com