Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1632 Datasheet(PDF) 2 Page - Raspberry Pi Holdings PLC

Part # SC1632
Description  Raspberry Pi Pico 2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1632 Datasheet(HTML) 2 Page - Raspberry Pi Holdings PLC

  SC1632 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1632 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1632 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1632 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1632 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC1632 Datasheet HTML 6Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Raspberry Pi Pico 2 series – Raspberry Pi Ltd
Overview
The Raspberry Pi Pico 2 series of microcontroller boards starts at $5 and is built on
RP2350: our new high-performance, secure microcontroller. With a higher core clock
speed, double the on-chip SRAM, double the on-board flash memory, more powerful
Arm cores, optional RISC-V cores, new security features, and upgraded interfacing
capabilities, the Raspberry Pi Pico 2 series delivers a significant performance and feature
boost, while retaining hardware and software compatibility with earlier members of the
Raspberry Pi Pico family.
RP2350 provides a comprehensive security architecture, built around Arm TrustZone
for Cortex-M, and incorporating signed boot, 8KB of antifuse OTP for key storage,
SHA-256 acceleration, a hardware TRNG, and fast glitch detectors. These features,
including the secure boot ROM, are extensively documented and available to all users
without restriction: this transparent approach, which contrasts with the “security through
obscurity” offered by legacy vendors, allows professional users to integrate RP2350,
and Raspberry Pi Pico 2 series boards, into products with confidence.
The unique dual-core, dual-architecture capability of RP2350 allows users to choose
between a pair of industry-standard Arm Cortex-M33 cores, and a pair of open-
hardware Hazard3 RISC-V cores. Programmable in C / C++ and Python, and with
detailed documentation, Raspberry Pi Pico 2 series boards are ideal for enthusiasts and
professional developers alike.
Wireless variant Raspberry Pi Pico 2 W offers 2.4GHz 802.11n wireless LAN and Bluetooth
5.2, with an on-board antenna, and modular compliance certification.
Raspberry Pi Pico 2 series boards are available as individual units, or in 480-unit reels.
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com