Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1632 Datasheet(PDF) 3 Page - Raspberry Pi Holdings PLC

Part # SC1632
Description  Raspberry Pi Pico 2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1632 Datasheet(HTML) 3 Page - Raspberry Pi Holdings PLC

  SC1632 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1632 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1632 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1632 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1632 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC1632 Datasheet HTML 6Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Raspberry Pi Pico 2 series – Raspberry Pi Ltd
Specification
Form factor:
21 mm × 51 mm
CPU:
Dual Arm Cortex-M33 or dual RISC-V Hazard3 processors @
150MHz
Memory:
520 KB on-chip SRAM; 4 MB on-board QSPI flash
Connectivity:
2.4GHz 802.11n wireless LAN and Bluetooth 5.2 (Raspberry Pi
Pico 2 W only)
Interfacing:
26 multi-purpose GPIO pins, including 4 that can be used for ADC
Peripherals:
• 2 × UART
• 2 × SPI controllers
• 2 × I2C controllers
• 24 × PWM channels
• 1 × USB 1.1 controller and PHY, with host and device support
• 12 × PIO state machines
Input power:
1.8–5.5V DC
Operating temperature: -20°C to +85°C
MTBF1 Ground Benign: 182 000 hours
MTBF1 Ground Mobile: 11 000 hours
Production lifetime:
Raspberry Pi Pico 2 will remain in production until at least
January 2040
Compliance:
For a full list of local and regional product approvals, please
visit pip.raspberrypi.com
1 Mean Time Between Failure



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com