Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1634 Datasheet(PDF) 4 Page - Raspberry Pi Holdings PLC

Part # SC1634
Description  Raspberry Pi Pico 2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1634 Datasheet(HTML) 4 Page - Raspberry Pi Holdings PLC

  SC1634 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1634 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1634 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1634 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1634 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC1634 Datasheet HTML 6Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Raspberry Pi Pico 2 series – Raspberry Pi Ltd
Physical specification
Pico 2
Pico 2 W
WARNINGS
•
Any external power supply used with Raspberry Pi Pico devices shall comply with relevant regulations and standards
applicable in the country of intended use and be a limited power source or PS2 power source per IEC 62368-1.
•
The connection of incompatible devices to Raspberry Pi Pico devices may affect compliance, result in damage to the
unit, and invalidate the warranty.
•
All accessories used with this product should comply with relevant standards for the country of use and be marked
accordingly to ensure that safety and performance requirements are met.
•
The cables and connectors of all peripherals used with this product must have adequate insulation so that relevant
safety requirements are met.
SAFETY INSTRUCTIONS
To avoid malfunction or damage to this product, please observe the following:
•
Do not expose to water or moisture, or place on a conductive surface whilst in operation.
•
Take care whilst handling to avoid mechanical or electrical damage to the printed circuit board and connectors.
•
Whilst it is powered, avoid handling the printed circuit board, or only handle it by the corners to minimise the risk of
electrostatic discharge damage.
21
11.4
8
1.3 (typ)
5.7
3.8
4.8
1.61
17.78
Note: all dimensions in mm
51
2
2.54
2.4 1.6
1.6
48.26
1
2.1
1
21
11.4
8
1.3 (typ)
3
1.61
4.4
17.78
51
2
2.54
1.6
8
48.26
1
2.1
1
Note:
All dimensions in mm
All dimensions are approximate and for
reference purposes only. The dimensions
shown should not be used for producing
production data
The dimensions are subject to part and
manufacturing tolerances
Dimensions may be subject to change



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com