Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1634 Datasheet (PDF) - Raspberry Pi Holdings PLC

SC1634 Datasheet PDF - Raspberry Pi Holdings PLC
Part # SC1634
Download  SC1634 Download
File Size   827.36 Kbytes
Page   6 Pages
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC
Description Raspberry Pi Pico 2

SC1634 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1634 Datasheet PDF - Raspberry Pi Holdings PLC

Part # SC1634
Download  SC1634 Click to download

File Size   827.36 Kbytes
Page   6 Pages
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC
Description Raspberry Pi Pico 2

SC1634 Datasheet (HTML) - Raspberry Pi Holdings PLC


SC1634 Product details

Overview
The Raspberry Pi Pico 2 series of microcontroller boards starts at $5 and is built on
RP2350: our new high-performance, secure microcontroller. With a higher core clock
speed, double the on-chip SRAM, double the on-board flash memory, more powerful
Arm cores, optional RISC-V cores, new security features, and upgraded interfacing
capabilities, the Raspberry Pi Pico 2 series delivers a significant performance and feature
boost, while retaining hardware and software compatibility with earlier members of the
Raspberry Pi Pico family.
RP2350 provides a comprehensive security architecture, built around Arm TrustZone
for Cortex-M, and incorporating signed boot, 8KB of antifuse OTP for key storage,
SHA-256 acceleration, a hardware TRNG, and fast glitch detectors. These features,
including the secure boot ROM, are extensively documented and available to all users
without restriction: this transparent approach, which contrasts with the “security through
obscurity” offered by legacy vendors, allows professional users to integrate RP2350,
and Raspberry Pi Pico 2 series boards, into products with confidence.
The unique dual-core, dual-architecture capability of RP2350 allows users to choose
between a pair of industry-standard Arm Cortex-M33 cores, and a pair of openhardware
Hazard3 RISC-V cores. Programmable in C / C++ and Python, and with
detailed documentation, Raspberry Pi Pico 2 series boards are ideal for enthusiasts and
professional developers alike.
Wireless variant Raspberry Pi Pico 2 W offers 2.4GHz 802.11n wireless LAN and Bluetooth
5.2, with an on-board antenna, and modular compliance certification.
Raspberry Pi Pico 2 series boards are available as individual units, or in 480-unit reels.




Similar Part No. - SC1634

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1630 SEMTECH-SC1630 Datasheet
231Kb / 8P
LOW VOLTAGE MULTI-MODE DC-DC CONVERTER
SC1630CS SEMTECH-SC1630CS Datasheet
231Kb / 8P
LOW VOLTAGE MULTI-MODE DC-DC CONVERTER
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
SC1631-3CS SEMTECH-SC1631-3CS Datasheet
168Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
SC1631-5CS SEMTECH-SC1631-5CS Datasheet
168Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
More results


Similar Description - SC1634

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-28-PTU-PI ETC2-ULCD-28-PTU-PI Datasheet
480Kb / 9P
Raspberry Pi Display Module Pack
4D-SERIAL-PI-ADAPTOR ETC2-4D-SERIAL-PI-ADAPTOR Datasheet
1Mb / 5P
4D Raspberry Pi Serial Adaptor
ULCD-43-PT-PI ETC2-ULCD-43-PT-PI Datasheet
442Kb / 10P
Raspberry Pi Display Module Pack
2144 ETC2-2144 Datasheet
62Kb / 1P
Flex Cable for Raspberry Pi Camera - 2 meters
logo
SparkFun Electronics
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
PRT-15008 SPARKFUN-PRT-15008 Datasheet
101Kb / 2P
Raspberry Pi 3 B Baseplate
10-29-18
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
RPI3-MODBP ETC-RPI3-MODBP Datasheet
686Kb / 5P
Raspberry Pi 3 Model B
logo
NimbeLink Corp.
NL-AB-RPI NIMBELINK-NL-AB-RPI Datasheet
613Kb / 10P
Skywire ® Raspberry Pi Adapter
March 2020
logo
List of Unclassifed Man...
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com