Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32922M3 Datasheet(PDF) 21 Page - EPCOS

Part # B32922M3
Description  Film Capacitors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32922M3 Datasheet(HTML) 21 Page - EPCOS

Back Button B32922M3 Datasheet HTML 17Page - EPCOS B32922M3 Datasheet HTML 18Page - EPCOS B32922M3 Datasheet HTML 19Page - EPCOS B32922M3 Datasheet HTML 20Page - EPCOS B32922M3 Datasheet HTML 21Page - EPCOS B32922M3 Datasheet HTML 22Page - EPCOS B32922M3 Datasheet HTML 23Page - EPCOS B32922M3 Datasheet HTML 24Page - EPCOS B32922M3 Datasheet HTML 25Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
Please read Cautions and warnings and
Important notes at the end of this document
Film Capacitors
B32922M3/N3 ... B32926M3
EMI Suppression Capacitors (MKP)
Marking and ordering code system
9/24
For all EMI capacitors:
If the capacitor is wide enough, the entire marking will be on the top. In this case, the stamping will contain
the following information:
1st line: Manufacturer’s logo, lot number, revision status
2nd line: Date code, capacitance, cap. tolerance, rated voltage
3rd line: Type number, interference suppression, sub class, style/self-healing
4th line: Climatic category
5th line: Marks of conformity
If the capacitor is not wide enough for the entire marking, the information in the marking will be split between
the top and side. In this case, the following partial information will be found on the top:
Codes for rated capacitance
Codes for capacitance tolerance
Rated capacitance
To IEC 60062
Short code
100 pF
100p
n1
150 pF
150p
n15
1.0 nF
1n0
1n
1.5 nF
1n5
10 nF
10n
100 nF
100n
1
150 nF
150n
15
1.0
F1
1
1.5
F15
10
F1
10
F15
Capacitance tolerance
Code letter Remark
A
Capacitance tolerances for which no code letter is defined can be
indicated by an A.
The meaning of code A must then be mutually specified in other
documentation.
±2.5%
H
±5%
J
±10%
K
±20%
M
Manufacturer’s logo
Lot number, revision status
Date code, capacitance,
cap. tolerance, rated voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com