Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32922M3 Datasheet(PDF) 4 Page - EPCOS

Part # B32922M3
Description  Film Capacitors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32922M3 Datasheet(HTML) 4 Page - EPCOS

  B32922M3 Datasheet HTML 1Page - EPCOS B32922M3 Datasheet HTML 2Page - EPCOS B32922M3 Datasheet HTML 3Page - EPCOS B32922M3 Datasheet HTML 4Page - EPCOS B32922M3 Datasheet HTML 5Page - EPCOS B32922M3 Datasheet HTML 6Page - EPCOS B32922M3 Datasheet HTML 7Page - EPCOS B32922M3 Datasheet HTML 8Page - EPCOS B32922M3 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
Please read Cautions and warnings and
Important notes at the end of this document
Film Capacitors
B32922M3/N3 ... B32926M3
EMI Suppression Capacitors (MKP)
9/24
Overview of available types
Lead spacing
15 mm
22.5 mm
27.5 mm
37.5 mm
Type
B32922
B32923
B32924
B32926
CR (F)
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.5
1.8
2.2
2.7
3.3
3.9
4.7
2.2
3.3
4.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com