Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4159CCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4159CCPZ
Description  Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159CCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4159CCPZ Datasheet HTML 3Page - Analog Devices ADF4159CCPZ Datasheet HTML 4Page - Analog Devices ADF4159CCPZ Datasheet HTML 5Page - Analog Devices ADF4159CCPZ Datasheet HTML 6Page - Analog Devices ADF4159CCPZ Datasheet HTML 7Page - Analog Devices ADF4159CCPZ Datasheet HTML 8Page - Analog Devices ADF4159CCPZ Datasheet HTML 9Page - Analog Devices ADF4159CCPZ Datasheet HTML 10Page - Analog Devices ADF4159CCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
ADF4159
Data Sheet
Rev. E | Page 6 of 36
Table 3. Read Timing
Parameter
Limit at TMIN to TMAX
Unit
Description
t11
tPFD + 20
ns min
TXDATA setup time
t2
20
ns min
CLK setup time to data (on MUXOUT)
t3
25
ns min
CLK high duration
t4
25
ns min
CLK low duration
t5
10
ns min
CLK to LE setup time
1 tPFD is the period of the PFD frequency; for example, if the PFD frequency is 50 MHz, tPFD = 20 ns.
Read Timing Diagram
CLK
t4
t3
MUXOUT
DB36
DB35
DB1
DB2
DB0
TXDATA
t1
t2
LE
t5
NOTES
1. LE SHOULD BE KEPT HIGH DURING READBACK.
Figure 3. Read Timing Diagram
TO MUXOUT
PIN
CL
10pF
500µA
IOL
100µA
IOH
0.9V
Figure 4. Load Circuit for MUXOUT Timing, CL = 10 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com