Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4159CCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4159CCPZ
Description  Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159CCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4159CCPZ Datasheet HTML 9Page - Analog Devices ADF4159CCPZ Datasheet HTML 10Page - Analog Devices ADF4159CCPZ Datasheet HTML 11Page - Analog Devices ADF4159CCPZ Datasheet HTML 12Page - Analog Devices ADF4159CCPZ Datasheet HTML 13Page - Analog Devices ADF4159CCPZ Datasheet HTML 14Page - Analog Devices ADF4159CCPZ Datasheet HTML 15Page - Analog Devices ADF4159CCPZ Datasheet HTML 16Page - Analog Devices ADF4159CCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
ADF4159
Data Sheet
Rev. E | Page 12 of 36
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
The PFD takes inputs from the R counter and N counter and
produces an output proportional to the phase and frequency
difference between them. Figure 21 shows a simplified sche-
matic of the PFD.
U3
CLR2
Q2
D2
U2
DOWN
UP
HIGH
HIGH
CP
–IN
+IN
CHARGE
PUMP
DELAY
CLR1
Q1
D1
U1
Figure 21. PFD Simplified Schematic
The PFD includes a fixed delay element that sets the width of the
antibacklash pulse, which is typically 1 ns. This pulse ensures that
there is no dead zone in the PFD transfer function and gives a
consistent reference spur level.
MUXOUT AND LOCK DETECT
The multiplexer output on the ADF4159 allows the user
to access various internal points on the chip. The state of
MUXOUT is controlled by the M4, M3, M2, and M1 bits in
Register R0 (see Figure 25). Figure 22 shows the MUXOUT
section in block diagram form.
MUXOUT
THREE-S TATE OUTPUT
N DIVIDER OUTPUT
DGND
DGND
R DIVIDER OUTPUT
DIGITAL LOCK DETECT
READBACK TO MUXOUT
CLK DIVIDER OUTPUT
SERIAL DATA OUTPUT
R DIVIDER/2
N DIVIDER/2
CONTROL
MUX
DVDD
DVDD
Figure 22. MUXOUT Schematic
INPUT SHIFT REGISTER
The ADF4159 digital section includes a 5-bit R counter, a 12-bit
INT counter, and a 25-bit FRAC counter. Data is clocked into the
32-bit input shift register on each rising edge of CLK. The data
is clocked in MSB first. Data is transferred from the input shift
register to one of eight latches on the rising edge of LE.
The destination latch is determined by the state of the three
control bits (C3, C2, and C1) in the input shift register. As shown
in Figure 2, the control bits are the three LSBs (DB2, DB1, and
DB0, respectively). Table 7 shows the truth table for these bits.
Figure 23 and Figure 24 provide a summary of how the latches
are programmed.
Table 7. Truth Table for the C3, C2, and C1 Control Bits
Control Bits
Register
C3
C2
C1
0
0
0
R0
0
0
1
R1
0
1
0
R2
0
1
1
R3
1
0
0
R4
1
0
1
R5
1
1
0
R6
1
1
1
R7
PROGRAM MODES
Table 7 and Figure 25 through Figure 32 show how the program
modes are set up in the ADF4159.
The following settings in the ADF4159 are double buffered:
LSB fractional value, phase value, charge pump current setting,
reference divide-by-2, reference doubler, R counter value, and
CLK1 divider value. Before the part uses a new value for any
double-buffered setting, the following two events must occur:
1. The new value is latched into the device by writing to the
appropriate register.
2. A new write is performed to Register 0 (R0).
For example, updating the fractional value involves a write to
the 13 LSB bits in R1 and the 12 MSB bits in R0. R1 must be
written to first, followed by the write to R0. The frequency change
begins after the write to R0. Double-buffering ensures that the
bits written to R1 do not take effect until after the write to R0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com