Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLA.01 Datasheet(PDF) 11 Page - Taoglas antenna solutions

Part # GLA.01
Description  GLA.01 GPS/GALILEO 5*3*0.5mm Ceramic Loop Antenna
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

GLA.01 Datasheet(HTML) 11 Page - Taoglas antenna solutions

Back Button GLA.01 Datasheet HTML 7Page - Taoglas antenna solutions GLA.01 Datasheet HTML 8Page - Taoglas antenna solutions GLA.01 Datasheet HTML 9Page - Taoglas antenna solutions GLA.01 Datasheet HTML 10Page - Taoglas antenna solutions GLA.01 Datasheet HTML 11Page - Taoglas antenna solutions GLA.01 Datasheet HTML 12Page - Taoglas antenna solutions GLA.01 Datasheet HTML 13Page - Taoglas antenna solutions GLA.01 Datasheet HTML 14Page - Taoglas antenna solutions GLA.01 Datasheet HTML 15Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
SPE-11-8-40-J
www.taoglas.com
5.2
Matching Circuit
Like all antennas, surrounding components, enclosures, and changes to the GND plane dimensions can alter
performance. A pi-matching network like the one shown below is required in case adjustments need to be
made. The antenna EVB has a similar matching network. The components on the EVB are a good starting
point for a new design, but will need to be adjusted upon integration for best performance. The zero ohm
resistor is needed for the ability to solder down a coax pigtail to make measurements with a vector network
analyzer
.
5.3
Fine Tuning Element vs. Centre Frequency
This antenna includes a fine tuning element (as shown in the land patterns above) that can be used to slightly
shift antenna resonance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com