Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLA.01 Datasheet(PDF) 15 Page - Taoglas antenna solutions

Part # GLA.01
Description  GLA.01 GPS/GALILEO 5*3*0.5mm Ceramic Loop Antenna
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

GLA.01 Datasheet(HTML) 15 Page - Taoglas antenna solutions

Back Button GLA.01 Datasheet HTML 11Page - Taoglas antenna solutions GLA.01 Datasheet HTML 12Page - Taoglas antenna solutions GLA.01 Datasheet HTML 13Page - Taoglas antenna solutions GLA.01 Datasheet HTML 14Page - Taoglas antenna solutions GLA.01 Datasheet HTML 15Page - Taoglas antenna solutions GLA.01 Datasheet HTML 16Page - Taoglas antenna solutions GLA.01 Datasheet HTML 17Page - Taoglas antenna solutions GLA.01 Datasheet HTML 18Page - Taoglas antenna solutions GLA.01 Datasheet HTML 19Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15
SPE-11-8-40-J
www.taoglas.com
6.3
PCB Layout
The footprint and clearance on the PCB must meet the layout drawing in (Footprint Drawing). Note the
placement of the optimized components. R1 is placed as close as possible to the RF feed (pad 1) but still within
the transmission line. C3 is then placed tightly in parallel after that. C2 is placed as close as possible to the
Tuning feed (pad 3). C1 is an optional component but the footprint is recommended in case it is needed.
.
Topside
Bottom Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com