Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0510XH Datasheet(PDF) 1 Page - STMicroelectronics

Part # T0510XH
Description  STANDARD TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T0510XH Datasheet(HTML) 1 Page - STMicroelectronics

  T0510XH Datasheet HTML 1Page - STMicroelectronics T0510XH Datasheet HTML 2Page - STMicroelectronics T0510XH Datasheet HTML 3Page - STMicroelectronics T0510XH Datasheet HTML 4Page - STMicroelectronics T0510XH Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
T0510xH
T0512xH
®
January 1995
STANDARD TRIACS
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(360
° conduction angle)
Tc= 100
°C5
A
ITSM
Non repetitive surge peak on-state current
(Tj initial = 25
°C)
tp = 8.3 ms
45
A
tp = 10 ms
40
I
2t
I
2t Value for fusing
tp = 10 ms
8
A
2s
dI/dt
Critical rate of rise of on-state current
IG = 500 mA
diG /dt = 1 A/
µs.
Repetitive
F = 50 Hz
10
A/
µs
Non
Repetitive
50
Tstg
Tj
Storage and operating junction temperature range
- 40, + 150
- 40, + 125
°C
Tl
Maximum lead temperature for soldering during 10s at
4.5mm from case
260
°C
ABSOLUTE RATINGS (limiting values)
IT(RMS) =5A
VDRM = 400V to 800V
High surge current capability
FEATURES
Symbol
Parameter
Voltage
Unit
DM
S
N
VDRM
VRRM
Repetitive peak off-state voltage
Tj = 125
°C
400
600
700
800
V
The T05xxxH series of triacs uses a high
performance MESA GLASS technology. These
parts are intended for general purpose switching
and phase control applications.
DESCRIPTION
A1
G
A2
TO220
non-insulated
(Plastic)
1/5


Similar Part No. - T0510XH

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
T0514SP CITC-T0514SP Datasheet
547Kb / 8P
Ultra-Low Capacitance ESD Protection Device
T0514TL CITC-T0514TL Datasheet
905Kb / 9P
Ultra-Low Capacitance ESD Protection Device
T0514TP CITC-T0514TP Datasheet
799Kb / 9P
Ultra-Low Capacitance ESD Protection Device
T0514VL CITC-T0514VL Datasheet
906Kb / 9P
Low Capacitance ESD Protection Device
T0516ST CITC-T0516ST Datasheet
544Kb / 7P
Ultra-Low Capacitance ESD Protection Device
More results

Similar Description - T0510XH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA16B STMICROELECTRONICS-BTA16B Datasheet
67Kb / 5P
STANDARD TRIACS
Mar-1995
BTA40A STMICROELECTRONICS-BTA40A Datasheet
65Kb / 5P
STANDARD TRIACS
Mar-1995
BTA41A STMICROELECTRONICS-BTA41A Datasheet
74Kb / 5P
STANDARD TRIACS
Mar-1995
BTB24B STMICROELECTRONICS-BTB24B Datasheet
67Kb / 4P
STANDARD TRIACS
Oct-1998
T2512MH STMICROELECTRONICS-T2512MH Datasheet
306Kb / 5P
STANDARD TRIACS
BTA06B STMICROELECTRONICS-BTA06B Datasheet
64Kb / 5P
STANDARD TRIACS
Mar-1995
BTA12B STMICROELECTRONICS-BTA12B Datasheet
65Kb / 5P
STANDARD TRIACS
Mar-1995
BTA41-700BRG STMICROELECTRONICS-BTA41-700BRG Datasheet
68Kb / 5P
STANDARD TRIACS
Mar-1995
BTA10B STMICROELECTRONICS-BTA10B Datasheet
88Kb / 5P
STANDARD TRIACS
Mar-1995
T16XXXH STMICROELECTRONICS-T16XXXH Datasheet
1Mb / 5P
STANDARD TRIACS
Jan-1995
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com