Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG3525AP Datasheet(PDF) 4 Page - STMicroelectronics

Part # SG3525AP
Description  REGULATING PULSE WIDTH MODULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SG3525AP Datasheet(HTML) 4 Page - STMicroelectronics

  SG3525AP Datasheet HTML 1Page - STMicroelectronics SG3525AP Datasheet HTML 2Page - STMicroelectronics SG3525AP Datasheet HTML 3Page - STMicroelectronics SG3525AP Datasheet HTML 4Page - STMicroelectronics SG3525AP Datasheet HTML 5Page - STMicroelectronics SG3525AP Datasheet HTML 6Page - STMicroelectronics SG3525AP Datasheet HTML 7Page - STMicroelectronics SG3525AP Datasheet HTML 8Page - STMicroelectronics SG3525AP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Conditions
SG2525A
SG3525A
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
PWM COMPARATOR
Minimum Duty-cycle
0
0
%
•
Maximum Duty-cycle
45
49
45
49
%
•
Input Threshold
Zero Duty-cycle
0.7
0.9
0.7
0.9
V
Maximum Duty-cycle
3.3
3.6
3.3
3.6
V
*
Input Bias Current
0.05
1
0.05
1
µA
SHUTDOWN SECTION
Soft Start Current
VSD = 0 V, VSS = 0 V
2550
80
2550
80
µA
Soft Start Low Level
VSD = 2.5 V
0.4
0.7
0.4
0.7
V
Shutdown Threshold
To outputs, VSS = 5.1 V
Tj =25
°C
0.6
0.8
1
0.6
0.8
1
V
Shutdown Input Current VSD = 2.5 V
0.4
1
0.4
1
mA
*
Shutdown Delay
VSD = 2.5 V Tj =25
°C
0.2
0.5
0.2
0.5
µs
OUTPUT DRIVERS (each output) (VC =20 V)
Output Low Level
Isink = 20 mA
0.2
0.4
0.2
0.4
V
Isink = 100 mA
1
2
1
2
V
Output High Level
Isource = 20 mA
1819
1819
V
Isource = 100 mA
17
18
17
18
V
Under-Voltage Lockout
Vcomp and Vss = High
6
7
8
6
7
8
V
IC
Collector Leakage
VC = 35 V
200
200
µA
tr*
Rise Time
CL = 1 nF, Tj =25
°C
100
600
100
600
ns
tf*
Fall Time
CL = 1 nF, Tj =25
°C
50
300
50
300
ns
TOTAL STANDBY CURRENT
Is
Supply Current
Vi = 35 V
14
20
14
20
mA
* These parameters, although guaranteed over the recommended operating conditions, are not 100 % tested in production.
•
Tested at fosc = 40 KHz (RT = 3.6 K
Ω,CT = 10nF, RD =0 Ω). Approximate oscillator frequency is defined by :
1
f=
CT (0.7 RT +3 RD)
.
DC transconductance (gM) relates to DC open-loop voltage gain (Gv) according to the following equation : Gv =gM RL where RL is the resistance
from pin 9 to ground. The minimum gM specification is used to calculate minimum Gv when the error amplifier output is loaded.
SG2525A-SG3525A
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com