Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG3525AP Datasheet(PDF) 6 Page - STMicroelectronics

Part # SG3525AP
Description  REGULATING PULSE WIDTH MODULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SG3525AP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SG3525AP Datasheet HTML 2Page - STMicroelectronics SG3525AP Datasheet HTML 3Page - STMicroelectronics SG3525AP Datasheet HTML 4Page - STMicroelectronics SG3525AP Datasheet HTML 5Page - STMicroelectronics SG3525AP Datasheet HTML 6Page - STMicroelectronics SG3525AP Datasheet HTML 7Page - STMicroelectronics SG3525AP Datasheet HTML 8Page - STMicroelectronics SG3525AP Datasheet HTML 9Page - STMicroelectronics SG3525AP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Figure 1 : Oscillator Charge Time vs. RT
and CT.
Figure 2 : Oscillator Discharge Time vs. RD
and CT.
RECOMMENDED OPERATING CONDITIONS (
•)
Parameter
Value
Input Voltage (Vi)
8to 35 V
Collector Supply Voltage (VC)
4.5 to 35 V
Sink/Source Load Current (steady state)
0 to 100 mA
Sink/Source Load Current (peak)
0 to 400 mA
Reference Load Current
0to 20 mA
Oscillator Frequency Range
100 Hz to 400 KHz
Oscillator Timing Resistor
2 K
Ω to 150 KΩ
Oscillator Timing Capacitor
0.001
µF to 0.1 µF
Dead Time Resistor Range
0 to 500
Ω
•
(
⋅) Range overwhichthedeviceisfunctionaland parameterlimitsareguaranteed.
Figure 3 : Output Saturation
Characteristics.
Figure 4 : Error Amplifier Voltage Gain and
Phase vs. Frequency.
SG2525A-SG3525A
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com